Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC3375 Datasheet(PDF) 4 Page - Linear Technology

No. de pieza LTC3375
Descripción Electrónicos  8-Channel Programmable, Parallelable 1A Buck DC/DCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC3375 Datasheet(HTML) 4 Page - Linear Technology

  LTC3375 Datasheet HTML 1Page - Linear Technology LTC3375 Datasheet HTML 2Page - Linear Technology LTC3375 Datasheet HTML 3Page - Linear Technology LTC3375 Datasheet HTML 4Page - Linear Technology LTC3375 Datasheet HTML 5Page - Linear Technology LTC3375 Datasheet HTML 6Page - Linear Technology LTC3375 Datasheet HTML 7Page - Linear Technology LTC3375 Datasheet HTML 8Page - Linear Technology LTC3375 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC3375
4
3375fa
For more information www.linear.com/3375
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VCC = VIN1-8 = 3.3V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VVCC
VCC Voltage Range
l
2.7
5.5
V
VVCC_UVLO
Undervoltage Threshold on VCC
VCC Voltage Falling
VCC Voltage Rising
l
l
2.35
2.45
2.45
2.55
2.55
2.65
V
V
IVCC_ALLOFF
VCC Input Supply Current
All Switching Regulators in Shutdown,
PB = HIGH
11
25
µA
IVCC
VCC Input Supply Current
At Least 1 Buck Active, SYNC = 0V, RT = 400k,
VFB_BUCK = 0.85V
At Least 1 Buck Active, SYNC = 2MHz
50
200
85
325
µA
µA
fOSC
Internal Oscillator Frequency
VRT = VCC, SYNC = 0V
VRT = VCC, SYNC = 0V
RRT = 400k, SYNC = 0V
l
l
1.8
1.75
1.8
2
2
2
2.2
2.25
2.2
MHz
MHz
MHz
fSYNC
Synchronization Frequency
tLOW, tHIGH > 40ns
1
3
MHz
VSYNC
SYNC Level High
SYNC Level Low
l
l
1.2
0.4
V
V
VRT
RT Servo Voltage
RRT = 400k
l
780
800
820
mV
Temperature Monitor
VTEMP(ROOM)
TEMP Voltage at 25°C
150
mV
∆VTEMP/°C
VTEMP Slope
l
6.75
mV/°C
OT
Overtemperature Shutdown
Temperature Rising
165
°C
OT_HYST
Overtemperature Hysteresis
10
°C
DT_WARN
Die Temperature Warning Threshold (Die
Temperature that Causes IRQ = 0)
DT[1], DT[0] = 00
DT[1], DT[0] = 01
DT[1], DT[0] = 10
DT[1], DT[0] = 11
Inactive
140
125
110
°C
°C
°C
1A Buck Regulators
VBUCK
Buck Input Voltage Range
l
2.25
5.5
V
VOUT
l
VFB
VIN
V
VIN_UVLO
Undervoltage Threshold on VIN
VIN Voltage Falling
VIN Voltage Rising
l
l
1.95
2.05
2.05
2.15
2.15
2.25
V
V
IVIN_BUCK
Burst Mode® Operation
Forced Continuous Mode Operation
Shutdown Input Current
Shutdown Input Current
VFB_BUCK = 0.85V (Note 4)
ISW_BUCK = 0µA, VFB_BUCK = 0V
All Switching Regulators in Shutdown
At Least One Other Buck Active
18
400
0
1
50
550
1
2
µA
µA
µA
µA
IFWD
PMOS Current Limit
(Note 5)
2.0
2.3
2.7
A
VFB (Default)
Feedback Regulation Voltage
Forced Continuous Mode Default (1, 1, 0, 0)
l
705
725
745
mV
VFB (High)
Feedback Regulation Voltage
Forced Continuous Mode Full Scale (1, 1, 1, 1)
l
780
800
820
mV
VFB (Low)
Feedback Regulation Voltage
Forced Continuous Mode Zero Scale (0, 0, 0, 0) l
405
425
445
mV
VLSB
VFB Servo Voltage Step Size
25
mV
IFB
Feedback Leakage Current
VFB_BUCK = 0.85V
–50
50
nA
DMAX
Maximum Duty Cycle
VFB_BUCK = 0V
l
100
%
RPMOS
PMOS On-Resistance
ISW_BUCK = 100mA
265
mΩ
RNMOS
NMOS On-Resistance
ISW_BUCK = –100mA
280
mΩ
ILEAKP
PMOS Leakage Current
EN_BUCK = 0
–2
2
µA
ILEAKN
NMOS Leakage Current
EN_BUCK = 0
–2
2
µA
RSWPD
Output Pull-Down Resistance in Shutdown EN_BUCK = 0 (I2C Bit Set)
1
kΩ
tSS
Soft-Start Time
Default (1, 1, 0, 0) Reference Voltage
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com