Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3072 Datasheet(PDF) 1 Page - KR Electronics, Inc.

No. de pieza 3072
Descripción Electrónicos  100 KHz Highpass Filter Elliptic Type 40 dB min Rejection at 80 KHz SMA Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KR [KR Electronics, Inc.]
Página de inicio  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3072 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3072 Datasheet HTML 1Page - KR Electronics, Inc. 3072 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2012, KR Electronics, Inc.
3072, Rev 0, July 14, 2012
KR Electronics, Inc.
KR Electronics part number 3072 is a 100 KHz highpass filter.
The filter is an elliptic type filter with a sharp transition to the
stopband and attains 40 dB rejection by 80 KHz. Other frequen-
cies and package styles are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 100 KHz Highpass Filter
 Elliptic Type
 40 dB min Rejection at 80 KHz
 50  Source and Load
 SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Número de pieza similar - 3072

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Heyco.
3072 HEYCO-3072 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Videk Ltd
3072 VIDEK-3072 Datasheet
27Kb / 1P
15 way HDD D Male to 15 way HDD D Female
logo
Keystone Electronics Co...
3072 KEYSTONE-3072 Datasheet
516Kb / 1P
20mm COIN CELL HOLDERS
31-07 20th
3072-2 KEYSTONE-3072-2 Datasheet
516Kb / 1P
20mm COIN CELL HOLDERS
31-07 20th
logo
KR Electronics, Inc.
3072-BNC KR-3072-BNC Datasheet
37Kb / 2P
100 KHz Highpass Filter
More results

Descripción similar - 3072

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KR Electronics, Inc.
2852 KR-2852 Datasheet
48Kb / 2P
250 KHz elliptic type lowass filter
3037 KR-3037 Datasheet
61Kb / 2P
25 MHz Highpass Filter Sharp Elliptic Type 36 dB min Rejection at 20 MHz
3072-BNC KR-3072-BNC Datasheet
37Kb / 2P
100 KHz Highpass Filter
3148 KR-3148 Datasheet
57Kb / 3P
20 KHz Highpass Filter
3148-SMA KR-3148-SMA Datasheet
52Kb / 3P
20 KHz Highpass Filter
3210-N KR-3210-N Datasheet
45Kb / 2P
140 KHz Highpass Filter
2928-SMA KR-2928-SMA Datasheet
100Kb / 3P
100 KHz Lowpass Filter
3317-SMA KR-3317-SMA Datasheet
197Kb / 3P
100 KHz Bandpass Filter
2275-1.5 KR-2275-1.5 Datasheet
51Kb / 3P
KR 2275-1.5 is a 150 KHz elliptic type lowpass filter
2275-1.5-BNC KR-2275-1.5-BNC Datasheet
148Kb / 3P
KR 2275-1.5-BNC is a 150 KHz elliptic type lowpass filter
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com