Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2805TD-SCAP/08 Datasheet(PDF) 1 Page - Emcore Corporation

No. de pieza 2805TD-SCAP/08
Descripción Electrónicos  110 Channel CATV Private Network Solution (PNS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMCORE [Emcore Corporation]
Página de inicio  http://www.emcore.com
Logo EMCORE - Emcore Corporation

2805TD-SCAP/08 Datasheet(HTML) 1 Page - Emcore Corporation

  2805TD-SCAP/08 Datasheet HTML 1Page - Emcore Corporation 2805TD-SCAP/08 Datasheet HTML 2Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATASHEET | JANUARY 2012
FIBER OPTICS
| REV 2012.01
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Features
Transmits up to 110 Channels Over One
Singlemode Fiber at 1310 nm.
VSB/AM Transmission Ensures
Compatibility with Standard CATV
Modulators, Processors, etc.
The Transmitter Includes Status
Indicator LED’s that Provide Easy
Assessment of the Transmitter’s
Performance.
Excellent for Structured In-Building
Premise Wiring Video Distribution. .
High Capacity Backbone Transport for
Multiple Data Services (RS-232, T1/E1,
Ethernet, etc.) Via CATV RF Modem.
CATV HFC Distribution Network,
Distance Learning, CCTV Video
Surveillance, Campus Video Distribution,
Teleconferencing and more.
+13 dBm Optical Output Power Supports
Links to beyond 20 km.
The Model 2805 110 Channel CATV PNS transmitter is part of a robust system for
transporting up to 110 Channels of VSB/AM modulated signals over a singlemode optical
fiber. The system provides 40-870 MHz of usable bandwidth for video signals stacked at 6
MHz intervals. A low loss singlemode fiber allows full channel loading to beyond 20 km
while maintaining a good carrier-to-noise ratio. The Model 2805 may be used with the
Model 2807 mini-node receiver for use in return path and multiple splitter applications or
with the Model 2808 receiver for basic 110 channel CATV transmission. In all cases, the
link provides excellent performance for many demanding applications such as broadband
LANs, distance learning, and multiple data services.
110 Channel Transmitter Part Numbers
Description
Part Number (SC/APC
Optical Connector)
Part Number (FC/APC
Optical Connector
1RU Transmitter, +6 dBm Optical
Output Power
2805TD-SCSP/06
2805TD-SCAP/06
1RU Transmitter, +8 dBm Optical
Output Power
2805TD-SCSP/08
2805TD-SCAP/08
1RU Transmitter, +10 dBm
Optical Output Power
2805TE-SCSP/10
2805TE-SCAP/10
1RU Transmitter, +12 dBm
Optical Output Power
2805TF-SCSP/12
2805TF-SCAP/12
1RU Transmitter, +13 dBm
Optical Output Power
2805TG-SCSP/13
2805TG-SCAP/13
Model 2805
110 Channel CATV Private Network Solution (PNS)


Número de pieza similar - 2805TD-SCAP/08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Emcore Corporation
2805TD-SCAP06 EMCORE-2805TD-SCAP06 Datasheet
190Kb / 2P
2805 110 Channel CATV Private Network Solution (PNS)
2805TD-SCAP08 EMCORE-2805TD-SCAP08 Datasheet
190Kb / 2P
2805 110 Channel CATV Private Network Solution (PNS)
More results

Descripción similar - 2805TD-SCAP/08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MHW7182A MOTOROLA-MHW7182A Datasheet
53Kb / 2P
110-Channel 750 MHz CATV Amplifier
MHW7242 MOTOROLA-MHW7242 Datasheet
46Kb / 2P
24 dB GAIN 750 MHz 110.CHANNEL CATV AMPLIFIER
logo
Emcore Corporation
2804 EMCORE-2804 Datasheet
288Kb / 2P
110 Channel CATV Professional Distribution System (PDS)
2806 EMCORE-2806 Datasheet
325Kb / 2P
77 Channel CATV Limited Distance Solution (LDS)
2808 EMCORE-2808 Datasheet
301Kb / 2P
110 Channel CATV Optical Receiver
2804TH-SCSP06 EMCORE-2804TH-SCSP06 Datasheet
193Kb / 2P
2804 110 Channel CATV Professional Distribution System (PDS)
2805TD-SCSP EMCORE-2805TD-SCSP_13 Datasheet
190Kb / 2P
2805 110 Channel CATV Private Network Solution (PNS)
2806T-SCSP EMCORE-2806T-SCSP_13 Datasheet
241Kb / 2P
2806 77 Channel CATV Limited Distance Solution (LDS)
2808R-SFSP EMCORE-2808R-SFSP_13 Datasheet
184Kb / 2P
2808 110 Channel CATV Optical Receiver
2805 EMCORE-2805_16 Datasheet
497Kb / 2P
Private Network Solution (PNS)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com