| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DAC08Q Datasheet(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC08Q Datasheet(HTML) 12 Page - Analog Devices |
|
12 / 12 page ![]() DAC08 –12– REV. A OUTLINE DIMENSIONS Dimensions shown in inches and (mm). N-16 16 18 9 0.840 (21.33) 0.745 (18.93) 0.280 (7.11) 0.240 (6.10) PIN 1 SEATING PLANE 0.022 (0.558) 0.014 (0.356) 0.060 (1.52) 0.015 (0.38) 0.210 (5.33) MAX 0.130 (3.30) MIN 0.070 (1.77) 0.045 (1.15) 0.100 (2.54) BSC 0.160 (4.06) 0.115 (2.93) 0.325 (8.25) 0.300 (7.62) 0.015 (0.381) 0.008 (0.204) 0.195 (4.95) 0.115 (2.93) Q-16 16 1 8 9 0.310 (7.87) 0.220 (5.59) PIN 1 0.005 (0.13) MIN 0.080 (2.03) MAX SEATING PLANE 0.023 (0.58) 0.014 (0.36) 0.200 (5.08) MAX 0.840 (21.34) MAX 0.150 (3.81) MIN 0.070 (1.78) 0.030 (0.76) 0.200 (5.08) 0.125 (3.18) 0.100 (2.54) BSC 0.060 (1.52) 0.015 (0.38) 15 ° 0 ° 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) E-20 TOP VIEW 0.358 (9.09) 0.342 (8.69) SQ 1 20 4 9 8 13 19 BOTTOM VIEW 14 3 18 0.028 (0.71) 0.022 (0.56) 45 ° TYP 0.015 (0.38) MIN 0.055 (1.40) 0.045 (1.14) 0.050 (1.27) BSC 0.075 (1.91) REF 0.011 (0.28) 0.007 (0.18) R TYP 0.095 (2.41) 0.075 (1.90) 0.100 (2.54) BSC 0.200 (5.08) BSC 0.150 (3.81) BSC 0.075 (1.91) REF 0.358 (9.09) MAX SQ 0.100 (2.54) 0.064 (1.63) 0.088 (2.24) 0.054 (1.37) SO-16 16 9 8 1 0.3937 (10.00) 0.3859 (9.80) 0.2550 (6.20) 0.2284 (5.80) 0.1574 (4.00) 0.1497 (5.80) PIN 1 SEATING PLANE 0.0098 (0.25) 0.0040 (0.10) 0.0192 (0.49) 0.0138 (0.35) 0.0688 (1.75) 0.0532 (1.35) 0.0500 (1.27) BSC 0.0099 (0.25) 0.0075 (0.19) 0.0500 (1.27) 0.0160 (0.41) 8 ° 0 ° 0.0196 (0.50) 0.0099 (0.25) x 45 ° |