Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE9086 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

No. de pieza PE9086
Descripción Electrónicos  N Male to N Female Right Angle Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9086 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9086 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9086 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9086 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male to N Female Right Angle Adapter
Configuration
Connector 1
N Male
Connector Specification 1
MIL-STD-348A
Connector 2
N Female
Connector Specification 2
MIL-STD-348A
Adapter Design
Standard
Body Style
Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 11
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Frequency 1
Frequency, GHz
DC to 10
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.441 [36.6]
Width/Dia., in [mm]
0.827 [21.01]
Height, in [mm]
1.371 [34.82]
.
Dielectric Type
Teflon
Connector 1
Type
N Male
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
N Male to N Female Right Angle Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Female Right Angle Adapter PE9086
PE9086
PE9086 REV


Número de pieza similar - PE9086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE9080 PASTERNACK-PE9080 Datasheet
253Kb / 3P
SMA Male to N Male Adapter
PE9081 PASTERNACK-PE9081 Datasheet
253Kb / 3P
SMA Female to N Male Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
PE9082 PASTERNACK-PE9082 Datasheet
253Kb / 3P
SMA Male to N Female Adapter
PE9083 PASTERNACK-PE9083 Datasheet
252Kb / 3P
SMA Female to N Female Adapter With Knurl
More results

Descripción similar - PE9086

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE9239 PASTERNACK-PE9239 Datasheet
240Kb / 2P
N Male to C Female Right Angle Adapter
PE9263 PASTERNACK-PE9263 Datasheet
251Kb / 3P
N Female to TNC Male Right Angle Adapter
PE9278 PASTERNACK-PE9278 Datasheet
241Kb / 2P
N Male to BNC Female Right Angle Adapter
PE9307 PASTERNACK-PE9307 Datasheet
247Kb / 2P
75 Ohm N Male to N Female Right Angle Adapter
PE9359 PASTERNACK-PE9359 Datasheet
241Kb / 2P
N Female to N Female Right Angle Adapter
PE9550 PASTERNACK-PE9550 Datasheet
242Kb / 2P
N Male to TNC Female Right Angle Adapter
PE9566 PASTERNACK-PE9566 Datasheet
251Kb / 2P
N Female to BNC Male Right Angle Adapter
PE91350 PASTERNACK-PE91350 Datasheet
352Kb / 4P
Precision N Male to N Female Radius Right Angle Adapter
logo
Mini-Circuits
NF-NMR50 MINI-NF-NMR50 Datasheet
218Kb / 2P
Adapter Right Angle N-Female to N-Male
NF-NMR50-18 MINI-NF-NMR50-18 Datasheet
214Kb / 2P
Adapter Right Angle N-Female to N-Male
REV. OR
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com