| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADMCF340BST Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMCF340BST Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 40 page ![]() REV. 0 ADMCF340 –25– The entire interrupt control system of the ADMCF340 is config- ured and controlled by the IFC, IMASK, and ICNTL Registers of the DSP core and the IRQFLAG Register for the PWMSYNC and PWMTRIP interrupts and PORTA_FLAG Register for the PIO interrupts. Table X. Interrupt Vector Addresses Interrupt Source Interrupt Vector Address PWMTRIP 0x002C (Highest Priority) Peripheral Interrupt ( IRQ2) 0x0004 PWMSYNC 0x000C PIO 0x0008 Software Interrupt 1 0x0018 Software Interrupt 0 0x001C SPORT0 Transmit Interrupt 0x0010 SPORT0 Receive Interrupt 0x0014 SPORT1 Transmit Interrupt (or IRQ1) 0x0020 SPORT1 Receive Interrupt (or IRQ0) 0x0024 Timer 0x0028 (Lowest Priority) Interrupt Masking Interrupt masking (or disabling) is controlled by the IMASK Register of the DSP core. This register contains individual bits that must be set to enable the various interrupt sources. If any peripheral interrupt is to be enabled, the IRQ2 interrupt enable bit (Bit 9) of the IMASK Register must be set. The configura- tion of the IMASK Register of the ADMCF340 is shown at the end of the data sheet. Interrupt Configuration The IFC and ICNTL Registers of the DSP core control and configure the interrupt controller of the DSP core. The IFC Register is a 16-bit register that may be used to force and/or clear any of the eight DSP interrupts. Bits 0 to 7 of the IFC Register may be used to clear the DSP interrupts while Bits 8 to 15 can be used to force a corresponding interrupt. Writing to Bits 11 and 12 in IFC is the only way to create the two software interrupts. The ICNTL Register is used to configure the sensitivity (edge or level) of the IRQ0, IRQ1, and IRQ2 interrupts and to enable/ disable interrupt nesting. Setting Bit 0 of ICNTL configures the IRQ0 as edge-sensitive, while clearing the bit configures it for level-sensitive. Bit 1 is used to configure the IRQ1 interrupt and Bit 2 is used to configure the IRQ2 interrupt. It is recommended that the IRQ2 interrupt always be configured for level-sensitive as this ensures that no peripheral interrupts are lost. Setting Bit 4 of the ICNTL Register enables interrupt nesting. The configura- tion of both IFC and ICNTL Registers is shown at the end of the data sheet. INTERRUPT OPERATION Following a reset, the ROM code on the ADMCF340 must copy a default interrupt vector table into program memory RAM from address 0x0000 to 0x002F. Since each interrupt source has a dedicated four word space in this vector table, it is possible to code short interrupt service routines (ISR) in place. Alterna- tively, it may be necessary to insert a JUMP instruction to the appropriate start address of the interrupt service routine if more memory is required for the ISR. When an interrupt occurs, the program sequencer ensures that there is no latency (beyond synchronization delay) when processing unmasked interrupts. In the case of the Timer, SPORT0, SPORT1 and software interrupts, the interrupt controller automatically jumps to the appropriate location in the interrupt vector table. At this point, a JUMP instruction to the appropriate ISR is required. Motor control peripheral interrupts are slightly different. When a peripheral interrupt is detected, a bit is set in the IRQFLAG Register for PWMSYNC and PWMTRIP or in the PORTA_FLAG Register for a PIO interrupt, and the IRQ2 line is pulled low until all pending interrupts are acknowledged. The DSP software must determine the source of the interrupts by reading IRQFLAG register. If more than one interrupt occurs simultaneously, the higher priority interrupt service routine is executed. Reading the IRQFLAG Register clears the PWMTRIP and PWMSYNC bits and acknowledges the interrupt, thus allowing further interrupts when the ISR exits. A user’s PIO interrupt service routine must read the PORTA_FLAG Register to determine which PIO port is the source of the interrupt. Reading register PORTA_FLAG clears all bits in the registers and acknowledges the interrupt, thus allowing further interrupts after the ISR exits. The configu- ration of all these registers is shown at the end of the data sheet. SYSTEM CONTROLLER The system controller block of the ADMCF340 performs the following functions: 1. Manages the interface and data transfer between the DSP core and the motor control peripherals 2. Handles interrupts generated by the motor control peripherals and generates a DSP core interrupt signal IRQ2 3. Controls the ADC multiplexer select lines 4. Enables PWMTRIP and PWMSYNC interrupts 5. Controls the multiplexing of the SPORT1 and SPORT0 pins 6. Controls the PWM single/double update mode 7. Controls the ADC conversion time modes and the SHA timers 8. Controls the auxiliary PWM operation mode 9. Contains a status register (SYSSTAT) that indicates the state of the PWMTRIP Pin, the watchdog timer, and the PWM timer 10. Performs a reset of the motor control peripherals and control registers following a hardware, software, or watch- dog initiated reset SPORT1 and SPORT0 Control The ADMCF340 has two serial ports: SPORT0 and SPORT1. SPORT1 is available with a limited number of pins and is mainly intended as a secondary port for Development Tools interfacing and/or for Code Booting from an external serial memory. Figure 18 shows the internal multiplexing of the SPORT0 and SPORT1 signals. SPORT0 is intended as general-purpose communication port. SPORT0 can support the following operating modes: SPORT, UART, and SPI. SPORT1 Configuration There are two operating modes for SPORT1: Boot Mode and UART Mode. These modes are selectable through Bit 4 of MODECTRL Register. With SPORT1 in Boot Mode, SPORT1 serial clock (SCLK1) is externally available through the SCLK1/ SCLK0 pin. The signal SCLK1 is used to drive the external serial memory input clock. |