Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML611PYA152MLZ Datasheet(PDF) 4 Page - Coilcraft lnc.

No. de pieza ML611PYA152MLZ
Descripción Electrónicos  High Reliability Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML611PYA152MLZ Datasheet(HTML) 4 Page - Coilcraft lnc.

  ML611PYA152MLZ Datasheet HTML 1Page - Coilcraft lnc. ML611PYA152MLZ Datasheet HTML 2Page - Coilcraft lnc. ML611PYA152MLZ Datasheet HTML 3Page - Coilcraft lnc. ML611PYA152MLZ Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
ML611PYASeries(1010)
1010 POWER INDUCTORS
Document ML804-4 Revised 08/14/12
Typical L vs Frequency
Irms Derating
0.1
1
10
100
0.1
1
100
10
Frequency (MHz)
0.22 µH
0.45 µH
1.0 µH
1.5 µH
2.2 µH
4.7 µH
6.8 µH
10 µH
15 µH
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Dimensions are in
inches
mm
0.445 ±0.020
11,3 ±0,5
0.394 ±0.020
10,0 ±0,5
0.394
10,0
0.087±0.004
2,20 ±0,10
0.175 ±0.010
4,45 ±0,25
0.094
2,38
Suggested
Land Pattern
Dash
number
A
(see table)
B
(see table)
max
0.262
6,65
A
Dash
B
number
(in / mm)
(in / mm)
-221
0.406 / 10.31
0.445 / 11.31
-451
0.406 / 10.31
0.445 / 11.31
-681
0.406 / 10.31
0.445 / 11.31
-102
0.406 / 10.31
0.445 / 11.31
-152
0.390 / 9.91
0.421 / 10.71
-222
0.374 / 9.51
0.398 / 10.11
-332
0.358 / 9.11
0.374 / 9.51
-472
0.358 / 9.11
0.374 / 9.51
-562
0.358 / 9.11
0.374 / 9.51
-682
0.351 / 8.91
0.362 / 9.21
-822
0.343 / 8.71
0.351 / 8.91
-103
0.343 / 8.71
0.351 / 8.91
-153
0.343 / 8.71
0.351 /8.91
±0.008 in
±0,20 mm



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com