Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MJF47 Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MJF47
Descripción Electrónicos  NPN SILICON POWER TRANSISTOR 1 AMPERE 250 VOLTS 28 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJF47 Datasheet(HTML) 2 Page - Motorola, Inc

  MJF47 Datasheet HTML 1Page - Motorola, Inc MJF47 Datasheet HTML 2Page - Motorola, Inc MJF47 Datasheet HTML 3Page - Motorola, Inc MJF47 Datasheet HTML 4Page - Motorola, Inc MJF47 Datasheet HTML 5Page - Motorola, Inc MJF47 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJF47
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 30 mAdc, IB = 0)
VCEO(sus)
250
—
Vdc
Collector Cutoff Current
(VCE = 150 Vdc, IB = 0)
ICEO
—
0.2
mAdc
Collector Cutoff Current
(VCE = 350 Vdc, VBE = 0)
ICES
—
0.1
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
—
1
mAdc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 0.3 Adc, VCE = 10 Vdc)
(IC = 1 Adc, VCE = 10 Vdc)
hFE
30
10
150
—
—
Collector–Emitter Saturation Voltage
(IC = 1 Adc, IB = 0.2 Adc)
VCE(sat)
—
1
Vdc
Base–Emitter On Voltage
(IC = 1 Adc, VCE = 10 Vdc)
VBE(on)
—
1.5
Vdc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product
(IC = 0.2 Adc, VCE 10 Vdc, f = 2 MHz)
fT
10
—
MHz
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2%.
TYPICAL CHARACTERISTICS
0.02
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMPS)
2
0.1
2
60
Figure 2. “On” Voltages
200
TJ = 150°C
1
25
°C
VCE = 10 V
IC, COLLECTOR CURRENT (AMPS)
0
0.6
1.4
100
10
40
20
4
6
0.04 0.06
0.2
0.4
0.6
– 55
°C
1.2
1
0.8
0.2
0.4
0.02
0.1
2
1
0.04 0.06
0.2
0.4 0.6
TJ = 25°C
VBE(sat) @ IC/IB = 5
VBE(on) @ VCE = 4 V
VCE(sat) @ IC/IB = 5 V



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com