Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML611PYA103MSZ Datasheet(PDF) 3 Page - Coilcraft lnc.

No. de pieza ML611PYA103MSZ
Descripción Electrónicos  Outgassing Compliant Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML611PYA103MSZ Datasheet(HTML) 3 Page - Coilcraft lnc.

  ML611PYA103MSZ Datasheet HTML 1Page - Coilcraft lnc. ML611PYA103MSZ Datasheet HTML 2Page - Coilcraft lnc. ML611PYA103MSZ Datasheet HTML 3Page - Coilcraft lnc. ML611PYA103MSZ Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
®
© Coilcraft, Inc. 2013
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Document AE804-3 Revised 02/20/13
AE611PYASeries(1010)
1010 POWER INDUCTORS
Typical L vs Current
0
0
8
6
4
2
10
12
24
6101214161820
8
Current (A)
8.2 µH
0
8
4
12
16
Current (A)
10 µH
02
46
814
12
16
18
20
10
0
2
4
6
8
10
Current (A)
5.6 µH
5
010202530
15
0
2
4
6
8
10
Current (A)
6.8 µH
5
010202530
15
0
4
8
12
16
20
Current (A)
15 µH
02
46
814
12
16
18
20
10



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com