| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADF4111BCP Datasheet(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4111BCP Datasheet(HTML) 5 Page - Analog Devices |
|
5 / 24 page ![]() REV. 0 ADF4110/ADF4111/ADF4112/ADF4113 –5– PIN FUNCTION DESCRIPTIONS Pin No. Mnemonic Function 1RSET Connecting a resistor between this pin and CPGND sets the maximum charge pump output current. The nominal voltage potential at the RSET pin is 0.56 V. The relationship between ICP and RSET is I R CP SET max . = 23 5 So, with RSET = 4.7 k Ω, I CPmax = 5 mA. 2 CP Charge Pump Output. When enabled this provides ±ICP to the external loop filter, which in turn drives the external VCO. 3 CPGND Charge Pump Ground. This is the ground return path for the charge pump. 4 AGND Analog Ground. This is the ground return path of the prescaler. 5RFINB Complementary Input to the RF Prescaler. This point should be decoupled to the ground plane with a small bypass capacitor, typically 100 pF. See Figure 25. 6RFINA Input to the RF Prescaler. This small signal input is normally ac-coupled from the VCO. 7AVDD Analog Power Supply. This may range from 2.7 V to 5.5 V. Decoupling capacitors to the analog ground plane should be placed as close as possible to this pin. AVDD must be the same value as DVDD. 8 REFIN Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and an equivalent input resis- tance of 100 k Ω. See Figure 24. This input can be driven from a TTL or CMOS crystal oscillator or it can be ac-coupled. 9 DGND Digital Ground. 10 CE Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into three- state mode. Taking the pin high will power up the device depending on the status of the power-down bit F2. 11 CLK Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into the 24-bit shift register on the CLK rising edge. This input is a high impedance CMOS input. 12 DATA Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This input is a high impedance CMOS input. 13 LE Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the four latches, the latch being selected using the control bits. 14 MUXOUT This multiplexer output allows either the Lock Detect, the scaled RF or the scaled Reference Frequency to be accessed externally. 15 DVDD Digital Power Supply. This may range from 2.7 V to 5.5 V. Decoupling capacitors to the digital ground plane should be placed as close as possible to this pin. DVDD must be the same value as AVDD. 16 VP Charge Pump Power Supply. This should be greater than or equal to VDD. In systems where VDD is 3 V, it can be set to 6 V and used to drive a VCO with a tuning range of up to 6 V. PIN CONFIGURATIONS TSSOP TOP VIEW (Not to Scale) 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 RSET VP ADF4110 ADF4111 ADF4112 ADF4113 CP DVDD CPGND MUXOUT AGND LE RFINB DATA RFINA CLK AVDD CE REFIN DGND CHIP SCALE PACKAGE TOP VIEW (Not to Scale) CPGND AGND AGND RFINB RFINA MUXOUT LE DATA CLK CE ADF4110 ADF4111 ADF4112 ADF4113 1 2 3 4 5 15 14 13 12 11 |