Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F405RG Datasheet(PDF) 61 Page - STMicroelectronics

No. de pieza STM32F405RG
Descripción Electrónicos  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405RG Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F405RG Datasheet HTML 57Page - STMicroelectronics STM32F405RG Datasheet HTML 58Page - STMicroelectronics STM32F405RG Datasheet HTML 59Page - STMicroelectronics STM32F405RG Datasheet HTML 60Page - STMicroelectronics STM32F405RG Datasheet HTML 61Page - STMicroelectronics STM32F405RG Datasheet HTML 62Page - STMicroelectronics STM32F405RG Datasheet HTML 63Page - STMicroelectronics STM32F405RG Datasheet HTML 64Page - STMicroelectronics STM32F405RG Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 180 page
background image
Port F
PF0
I2C2_SDA
FSMC_A0
EVENTOUT
PF1
I2C2_SCL
FSMC_A1
EVENTOUT
PF2
I2C2_SMBA
FSMC_A2
EVENTOUT
PF3
FSMC_A3
EVENTOUT
PF4
FSMC_A4
EVENTOUT
PF5
FSMC_A5
EVENTOUT
PF6
TIM10_CH1
FSMC_NIORD
EVENTOUT
PF7
TIM11_CH1
FSMC_NREG
EVENTOUT
PF8
TIM13_CH1
FSMC_NIOWR
EVENTOUT
PF9
TIM14_CH1
FSMC_CD
EVENTOUT
PF10
FSMC_INTR
EVENTOUT
PF11
DCMI_D12
EVENTOUT
PF12
FSMC_A6
EVENTOUT
PF13
FSMC_A7
EVENTOUT
PF14
FSMC_A8
EVENTOUT
PF15
FSMC_A9
EVENTOUT
Port G
PG0
FSMC_A10
EVENTOUT
PG1
FSMC_A11
EVENTOUT
PG2
FSMC_A12
EVENTOUT
PG3
FSMC_A13
EVENTOUT
PG4
FSMC_A14
EVENTOUT
PG5
FSMC_A15
EVENTOUT
PG6
FSMC_INT2
EVENTOUT
PG7
USART6_CK
FSMC_INT3
EVENTOUT
PG8
USART6_RTS
ETH _PPS_OUT
EVENTOUT
PG9
USART6_RX
FSMC_NE2/
FSMC_NCE3
EVENTOUT
PG10
FSMC_NCE4_1/
FSMC_NE3
EVENTOUT
PG11
ETH _MII_TX_EN
ETH _RMII_TX_EN
FSMC_NCE4_2
EVENTOUT
PG12
USART6_RTS
FSMC_NE4
EVENTOUT
PG13
UART6_CTS
ETH _MII_TXD0
ETH _RMII_TXD0
FSMC_A24
EVENTOUT
PG14
USART6_TX
ETH _MII_TXD1
ETH _RMII_TXD1
FSMC_A25
EVENTOUT
PG15
USART6_CTS
DCMI_D13
EVENTOUT
Table 8.
Alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF014
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/10/11
I2C1/2/3
SPI1/SPI2/
I2S2/I2S2ext
SPI3/I2Sext/
I2S3
USART1/2/3/
I2S3ext
UART4/5/
USART6
CAN1/CAN2/
TIM12/13/14
OTG_FS/ OTG_HS
ETH
FSMC/SDIO/
OTG_FS
DCMI