Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC912AFP Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADC912AFP
Descripción Electrónicos  CMOS Microprocessor-Compatible 12-Bit A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADC912AFP Datasheet(HTML) 10 Page - Analog Devices

Back Button ADC912AFP Datasheet HTML 6Page - Analog Devices ADC912AFP Datasheet HTML 7Page - Analog Devices ADC912AFP Datasheet HTML 8Page - Analog Devices ADC912AFP Datasheet HTML 9Page - Analog Devices ADC912AFP Datasheet HTML 10Page - Analog Devices ADC912AFP Datasheet HTML 11Page - Analog Devices ADC912AFP Datasheet HTML 12Page - Analog Devices ADC912AFP Datasheet HTML 13Page - Analog Devices ADC912AFP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
ADC912A
–10–
BIPOLAR ANALOG INPUT OPERATION
Bipolar analog input operation is achieved with an external
amplifier providing an analog offset. Figures 17 and 18 show
two circuit topologies that result in different digital-output cod-
ing. In Figure 17, offset binary coding is produced when the
external amplifier is connected in the inverting mode. Figure 19
shows the ideal transfer characteristics for both the inverting
and noninverting configurations given in Figures 17 and 18.
AGND
VREFIN
AIN
0.1 F 10 F
1
2
–5V
R2
R1
R3
R4
RFS
RZ
VIN
3
R1 = R2 = 20k
SEE TABLE II FOR VALUES OF R3, R4, RZ, AND RFS
A1: OP27 LOWEST NOISE, OP42 BEST BANDWIDTH
*EXTRA PINS OMITTED FOR CLARITY
ADC912A*
A1
Figure 17. Noninverting Bipolar Analog Input Operation
The scaling resistors chosen in bipolar input applications should
be from the same manufacturer to obtain good resistor tracking
performance over temperature. When potentiometers are used
for absolute adjustment, 0.1% tolerance resistors should still be
used as shown in Figures 17 and 18 to minimize temperature
coefficient errors.
–5V
0.1 F 10 F
2
3 AGND
VREFIN
AIN
VIN
1
R1
R2
R3
RFS
RZ
SEE TABLE III FOR VALUES OF R1, R2, R3, R4, RZ, AND RFS
A1: OP27 LOWEST NOISE, OP42 BEST BANDWIDTH
*EXTRA PINS OMITTED FOR CLARITY
ADC912A*
+
A1
Figure 18. Inverting Bipolar Analog Input
Calibration of the bipolar analog input circuits (Figures 17 and
18) should begin with zero adjustment first. Apply a +1/2 LSB
analog input to AIN, (see Tables II and III) and adjust RZ until the
successive digital output codes flicker between the following codes:
For noninverting, Figure 17
1000 0000 0000
1000 0000 0001
For inverting, Figure 18
0111 1111 1111
0111 1111 1110
Next, adjust full scale by applying a FS–3/2 LSB analog input to
AIN, (see Tables II and III) and adjust RFS until the successive
digital output codes flicker between the following codes:
For Noninverting, Figure 17
1111 1111 1110
1111 1111 1111
For Inverting, Figure 18
0000 0000 0001
0000 0000 0000
Table II. Resistor and Potentiometer Values Required for
Figure 17
VIN Range
R3
R4
RZ
RFS
1/2 LSB
FS/2–3/2 LSB
Vk
k
k
k
mV
V
±2.5
0
40.2
0.5
0.5
0.61
2.49817
±5.0
20.0
19.8
0.5
1.0
1.22
4.99634
±10.0
29.8
10.0
0.5
0.5
2.44
9.99268
Table III. Resistor and Potentiometer Values Required for
Figure 18
VIN Range
R1
R2
R3
RZ
RFS
1/2 LSB
FS/2–3/2 LSB
Vk
k
k
k
k
mV
V
±2.5
20.0 41.2 40.2 2
1
0.61
2.49817
±5.0
20.0 20.5 20.0 1
1
1.22
4.99634
±10.0
20.0 10.5 10.2 0.5
1
2.44
9.99268
111...110
100...000
111...111
100...001
011...111
011...110
000...001
000...000
DIGITAL OUTPUT
0V
FS
2
–
FS
2
+
INVERTING
FIGURE 18
VIN – Input Voltage
FS
2
+
– 1LSB
NON-
INVERTING
FIGURE 17
Figure 19. Ideal Input/Output Transfer Characteristics for
Bipolar Input Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16