| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9873-EB Datasheet(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9873-EB Datasheet(HTML) 24 Page - Analog Devices |
|
24 / 39 page ![]() REV. 0 AD9873 –24– Serial Interface Port Pin Description SCLK—Serial Clock. The serial clock pin is used to synchronize data to and from the AD9873 and to run the internal state machines. SCLK maximum frequency is 15 MHz. All data input to the AD9873 is registered on the rising edge of SCLK. All data is driven out of the AD9873 on the falling edge of SCLK. CS—Chip Select. Active low input starts and gates a communi- cation cycle. It allows more than one device to be used on the same serial communications lines. The SDO and SDIO pins will go to a high impedance state when this input is high. Chip select should stay low during the entire communication cycle. SDIO—Serial Data I/O. Data is always written into the AD9873 on this pin. However, this pin can be used as a bidirectional data line. The configuration of this pin is controlled by Bit 7 of register address 0h. The default is logic zero, which configures the SDIO pin as unidirectional. SDO—Serial Data Out. Data is read from this pin for protocols that use separate lines for transmitting and receiving data. In the case where the AD9873 operates in a single bidirectional I/O mode, this pin does not output data and is set to a high imped- ance state. MSB/LSB Transfers The AD9873 serial port can support both most significant bit (MSB) first or least significant bit (LSB) first data formats. This functionality is controlled by register address, 0h, Bit 6. The default is MSB first. When this bit is set active high, the AD9873 serial port is in LSB first format. That is, if the AD9873 is in LSB first mode, the instruction byte must be written from least significant bit to most significant bit. Multibyte data transfers in MSB format can be completed by writing an instruction byte that includes the register address of the most significant byte. In MSB first mode, the serial port internal byte address generator decrements for each byte required of the multibyte communication cycle. Multibyte data transfers in LSB first format can be completed by writing an instruction byte that includes the register address of the least significant byte. In LSB first mode, the serial port internal byte address generator increments for each byte required of the multibyte communication cycle. The AD9873 serial port controller address will increment from 1Fh to 00h for multibyte I/O operations if the MSB first mode is active. The serial port controller address will decrement from 00h to 1Fh for multibyte I/O operations if the LSB first mode is active. Notes on Serial Port Operation The AD9873 serial port configuration bits reside in Bits 6 and 7 of register address 00h. It is important to note that the configu- ration changes immediately upon writing to the last bit of the register. For multibyte transfers, writing to this register may occur during the middle of a communication cycle. Care must be taken to compensate for this new configuration for the remain- ing bytes of the current communication cycle. The same considerations apply to setting the reset bit in reg- ister address 00h. All other registers are set to their default values, but the software reset does not affect the bits in register address 00h. It is recommended to use only single byte transfers when chang- ing serial port configurations or initiating a software reset. A write to Bits 1, 2, and 3 of address 00h with the same logic levels as for Bits 7, 6, and 5 (bit pattern: XY1001YX binary), allows the user to reprogram a lost serial port configuration and to reset the registers to their default values. A second write to address 00h with RESET bit low and serial port configuration as specified above (XY) reprograms the OSC IN Multiplier setting. A changed fSYSCLK frequency is stable after a maximum of 200 fMCLK cycles (= Wake–Up Time). I6(n) INSTRUCTION CYCLE DATA TRANSFER CYCLE CS SCLK SDIO SDO R/W I5(n) I4 I3 I2 I1 I0 D7n D6n D20 D10 D00 D20 D10 D00 D7n D6n Figure 6a. Serial Register Interface Timing MSB-First INSTRUCTION CYCLE DATA TRANSFER CYCLE CS SCLK SDIO SDO I4 I3 I2 I1 I0 D7n D6n D20 D10 D00 I5(n) I6(n) R/W D20 D10 D00 D7n D6n Figure 6b. Serial Register Interface Timing LSB-First CS SCLK SDIO tDS tSCLK tPWL tDH tPWH INSTRUCTION BIT 7 INSTRUCTION BIT 6 tDS Figure 7. Timing Diagram for Register Write to AD9873 DATA BIT n DATA BIT n–1 CS SCLK SDIO SDO tDV Figure 8. Timing Diagram for Register Read from AD9873 TRANSMIT PATH (Tx) Transmit Timing The AD9873 provides a master clock MCLK and expects 6-bit multiplexed Tx IQ data on each rising edge. Transmit symbols are framed with the Tx SYNC input. Tx SYNC high indicates the start of a transmit symbol. Four consecutive 6-bit data packages form a symbol (I MSB, I LSB, Q MSB, and Q LSB). Data Assembler The input data stream is representative complex data. Two 6-bit words form a 12-bit symbol component (two’s complement format). Four input samples are required to produce one I/Q data pair. The I/Q sample rate fIQCLK at the input to the first half-band filter is a quarter of the input data rate fMCLK. |