Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9854AST Datasheet(PDF) 18 Page - Analog Devices

No. de pieza AD9854AST
Descripción Electrónicos  CMOS 300 MHz Quadrature Complete-DDS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9854AST Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9854AST Datasheet HTML 14Page - Analog Devices AD9854AST Datasheet HTML 15Page - Analog Devices AD9854AST Datasheet HTML 16Page - Analog Devices AD9854AST Datasheet HTML 17Page - Analog Devices AD9854AST Datasheet HTML 18Page - Analog Devices AD9854AST Datasheet HTML 19Page - Analog Devices AD9854AST Datasheet HTML 20Page - Analog Devices AD9854AST Datasheet HTML 21Page - Analog Devices AD9854AST Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD9854
–18–
REV. 0
F1
F2
0
MODE
TW1
TW2
FSK DATA (PIN 29)
001 (FSK NO RAMP)
F1
F2
000 (DEFAULT)
0
0
Figure 36. Traditional FSK Mode
F1
F2
0
MODE
TW1
TW2
FSK DATA (PIN 29)
010 (RAMPED FSK)
F1
F2
000 (DEFAULT)
0
0
Figure 37. Ramped FSK Mode
Where N is the phase accumulator resolution (48 bits in this
instance), frequency is expressed in Hertz, and the FTW, Fre-
quency Tuning Word, is a decimal number. Once a decimal
number has been calculated, it must be rounded to an integer
and then converted to binary format—a series of 48 binary-
weighted 1s or 0s. The fundamental sine wave DAC output
frequency range is from dc to 1/2 SYSCLK.
Changes in frequency are phase continuous—that is, the new
frequency uses the last phase of the old frequency as the reference
point to compute the first new frequency phase.
The I and Q DACs of the AD9854 are always 90 degrees out-
of-phase. The 14-bit phase registers (discussed elsewhere in this
data sheet) do not independently adjust the phase of each DAC
output. Instead, both DAC’s are affected equally by a change in
phase offset.
The single-tone mode allows the user to control the following
signal qualities:
• Output Frequency to 48-Bit Accuracy
• Output Amplitude to 12-Bit Accuracy
– Fixed, User-Defined, Amplitude Control
– Variable, Programmable Amplitude Control
– Automatic, Programmable, Single-Pin-Controlled, “Shaped
On/Off Keying”
• Output Phase to 14-Bit Accuracy
Furthermore, all of these qualities can be changed or modulated
via the 8-bit parallel programming port at a 100 MHz parallel-byte
rate, or at a 10 MHz serial rate. Incorporating this attribute will
permit FM, AM, PM, FSK, PSK, ASK operation in the single-
tone mode.
Unramped FSK (Mode 001)
When selected, the output frequency of the DDS is a function
of the values loaded into Frequency Tuning Word registers 1
and 2 and the logic level of Pin 29 (FSK/BPSK/HOLD). A logic
low on Pin 29 chooses F1 (frequency tuning word 1, parallel
address 4–9 hex) and a logic high chooses F2 (frequency tuning
word 2, parallel register address A–F hex). Changes in frequency
are phase-continuous and practically instantaneous. (Please
refer to pipeline delays in specification table.) Other than F2 and
Pin 29 becoming active, this mode is identical to single-tone.
The unramped FSK mode, Figure 36, is representative of
traditional FSK, RTTY (Radio Teletype) or TTY (Teletype)
transmission of digital data. Frequency transitions occur nearly
instantaneously from F1 to F2. This simple method works
extremely well and is the most reliable form of digital communica-
tion, but it is also wasteful of RF spectrum.
See the following Ramped FSK section for an alternative FSK
method that conserves bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44