| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9288/PCB Datasheet(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9288/PCB Datasheet(HTML) 12 Page - Analog Devices |
|
12 / 16 page ![]() REV. 0 AD9288 –12– BILL OF MATERIALS # QTY REFDES DEVICE PACKAGE VALUE 1 22 C1–C15, C20–C25, C27 Ceramic Cap 0603 0.1 µF 2 5 C16–C19, C26 Tantalum Cap TAJD 10 µF 3 43 E1–E43 W-HOLE W-HOLE 4 8 J1–J8 SMBPN SMBP 5 1 P1 TB6 TB6 6 1 P2 37DRFP C37DRFP 7 10 R1, R3, R5–R7, R10–R14 Resistor R1206 50 Ω 8 2 R2, R4 Resistor R1206 25 Ω 9 2 R8, R9 Resistor R1206 2 k Ω 10 2 R15, R16 Resistor R1206 0 Ω 11 2 T1, T2 Transformer T1–1T 12 1 U1 AD9288 LQFP48 13 1 U2 AD9763 LQFP48 14 2 U3, U4 74ACQ574 DIP20\SOL 15 2 U5, U6 SN74LCX86 SO14 |