Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9280-EB Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD9280-EB
Descripción Electrónicos  Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9280-EB Datasheet(HTML) 5 Page - Analog Devices

  AD9280-EB Datasheet HTML 1Page - Analog Devices AD9280-EB Datasheet HTML 2Page - Analog Devices AD9280-EB Datasheet HTML 3Page - Analog Devices AD9280-EB Datasheet HTML 4Page - Analog Devices AD9280-EB Datasheet HTML 5Page - Analog Devices AD9280-EB Datasheet HTML 6Page - Analog Devices AD9280-EB Datasheet HTML 7Page - Analog Devices AD9280-EB Datasheet HTML 8Page - Analog Devices AD9280-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD9280
–5–
REV. D
PIN CONFIGURATION
PIN FUNCTION DESCRIPTIONS
SSOP
Pin No.
Name
Description
1
AVSS
Analog Ground
2
DRVDD
Digital Driver Supply
3
NC
No Connect
4
NC
No Connect
5
D0
Bit 0
6
D1
Bit 1
7
D2
Bit 2
8
D3
Bit 3
9
D4
Bit 4
10
D5
Bit 5
11
D6
Bit 6
12
D7
Bit 7, Most Significant Bit
13
OTR
Out-of-Range Indicator
14
DRVSS
Digital Ground
15
CLK
Clock Input
16
THREE-STATE
HI: High Impedance State. LO: Normal Operation
17
STBY
HI: Power-Down Mode. LO: Normal Operation
18
REFSENSE
Reference Select
19
CLAMP
HI: Enable Clamp Mode. LO: No Clamp
20
CLAMPIN
Clamp Reference Input
21
REFTS
Top Reference
22
REFTF
Top Reference Decoupling
23
MODE
Mode Select
24
REFBF
Bottom Reference Decoupling
25
REFBS
Bottom Reference
26
VREF
Internal Reference Output
27
AIN
Analog Input
28
AVDD
Analog Supply
28-Lead Wide Body (SSOP)
14
13
12
11
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
17
16
15
20
19
18
28
27
26
25
24
23
22
21
AD9280
AVSS
REFBS
VREF
AIN
AVDD
DRVDD
NC
NC
REFTF
MODE
REFBF
D0
D1
D2
D3
D4
D5
CLAMP
CLAMPIN
REFTS
D6
D7
OTR
DRVSS
REFSENSE
CLK
THREE-STATE
STBY
NC = NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24