Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KPS28010Z Datasheet(PDF) 5 Page - COSMO Electronics Corporation

No. de pieza KPS28010Z
Descripción Electrónicos  4 Pin SSOP Low Input Current Photocoupler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPS28010Z Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPS28010Z Datasheet HTML 1Page - COSMO  Electronics Corporation KPS28010Z Datasheet HTML 2Page - COSMO  Electronics Corporation KPS28010Z Datasheet HTML 3Page - COSMO  Electronics Corporation KPS28010Z Datasheet HTML 4Page - COSMO  Electronics Corporation KPS28010Z Datasheet HTML 5Page - COSMO  Electronics Corporation KPS28010Z Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/13/2013
No.61P05027
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KPS28010Z
SHEET 5 OF 6
REV
2
Fig.7
Collector-Emitter Saturation
Voltage vs. Ambient Temperature
Fig.8
Collector-emitter Saturation
Voltage vs. Forward Current
I =10mA
-25
0
0.09
0.12
0
0.18
0.15
0.21
50
25
75
0.24
0.27
0.30
F
Ic=2mA
100
0
4
0
8
1
2
3
5
4
6
7
C
Ta=25°
Ic=7mA
Ic=5mA
Ic=3mA
Ic=1mA
Ic=0.5mA
26
10
Ambient temperature Ta(℃)
Forward Current IF (mA)
Fig.9 Response Time vs.
Load Resistance
Fig.10 Response Time vs.
Load Resistance
Load Resistance RL(K ohm)
Load Resistance RL(K ohm)
Fig.11
Relative Current Transfer Ratio
vs. Ambient Temperature
-55
0
0
50
25
50
115
75
IF=0.1m A
VC E=5V
150
100
Ambient temperature Ta(℃)
0.1
0.2
0.5
0.1
1
1
2
5
10
tr
Ta=25°
20
50
100
Vce=5V
Ic=2mA
10
C
1
0.1
10
tf
Vce=5V
Ic=2mA
Ta=25°C
0.5
0.2
0.1
1
2
5
10
20
100
50



Html Pages

1 2 3 4 5 6