| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0402-15NK Datasheet(PDF) 1 Page - API Delevan |
|
|
|||||||||||||||||||||||||||||
0402-15NK Datasheet(HTML) 1 Page - API Delevan |
|
|
1 / 1 page ![]() Series 0402 Open Construction Wirewound Surface Mount Inductors Physical Parameters Inches Millimeters A 0.050 Max. 1.27 Max. B 0.030 Max. 0.76 Max. C 0.024 Max. 0.61 Max. D 0.020 (Ref. Only) 0.51 (Ref. Only) E 0.009 (Ref. Only) 0.23 (Ref. Only) F 0.022 (Ref. Only) 0.56 (Ref. Only) G 0.026 0.66 H 0.019 0.50 I 0.018 0.46 Operating Temperature Range –40°C to +125°C Standard Termination 90/10 Solder Inductance and Q tested on HP4291A using HP16193A test fixture Packaging Tape & reel (8mm): 7" reel, 4000 pieces max. 1360 1040 960 840 840 840 800 760 760 680 680 680 680 640 640 560 480 400 400 320 320 150 0.045 0.070 0.070 0.066 0.066 0.066 0.083 0.083 0.083 0.104 0.104 0.104 0.195 0.120 0.120 0.172 0.202 0.214 0.298 0.403 0.438 0.830 6000 6000 6000 6000 6000 5800 5800 5800 5800 5800 4400 4160 3900 3680 3600 3280 3040 2720 2480 2320 2240 2100 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 16 16 19 19 19 19 20 20 20 22 22 22 21 24 24 24 24 24 24 24 24 20 1.0 2.0 2.2 3.3 3.6 3.9 5.1 5.6 6.2 7.5 8.2 9.0 10 11 12 15 19 23 27 36 40 47 SERIES 0402 CERAMIC CORE 0402-1N0K 0402-2N0K 0402-2N2K 0402-3N3K 0402-3N6K 0402-3N9K 0402-5N1K 0402-5N6K 0402-6N2K 0402-7N5K 0402-8N2K 0402-9N0K 0402-10NK 0402-11NK 0402-12NK 0402-15NK 0402-19NK 0402-23NK 0402-27NK 0402-36NK 0402-40NK 0402-47NK Optional Tolerances (except 1.0nH): J = 5% LAND PATTERN DIMENSIONS 6/ 2002 PAGE 10 www.delevan.com E-mail: apisales@delevan.com 270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 |
Número de pieza similar - 0402-15NK |
|
Descripción similar - 0402-15NK |