Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEM9SNMC76 Datasheet(PDF) 100 Page - ITT Industries

No. de pieza DEM9SNMC76
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SNMC76 Datasheet(HTML) 100 Page - ITT Industries

Back Button DEM9SNMC76 Datasheet HTML 96Page - ITT Industries DEM9SNMC76 Datasheet HTML 97Page - ITT Industries DEM9SNMC76 Datasheet HTML 98Page - ITT Industries DEM9SNMC76 Datasheet HTML 99Page - ITT Industries DEM9SNMC76 Datasheet HTML 100Page - ITT Industries DEM9SNMC76 Datasheet HTML 101Page - ITT Industries DEM9SNMC76 Datasheet HTML 102Page - ITT Industries DEM9SNMC76 Datasheet HTML 103Page - ITT Industries DEM9SNMC76 Datasheet HTML 104Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
99
D Subminiature
Commercial Micro D — MDSM
PCB Connector 90
° - Single
PCB Connector 90
° - Stacked
No. of
Contacts
Part Numbers - Single
Thumbscrew
Push/Pull
A
max.
B
C
max.
D
max.
E
F
±0,05 (.002)
9
MDSM-9PE-Z10-VR25*
MDSM-9E-Z42-VR25*
19,90 (.783)
14,35 (.565)
8,60 (.339)
9,00 (.354)
5,08 (.200)
10,24 (.403)
15
MDSM-15PE-Z10-VR22
MDSM-15PE-Z42-VR22
23,60 (.929)
18,16 (.715)
12,30 (.484)
12,90 (.508)
8,89 (.350)
14,01 (.551)
25
MDSM-25PE-Z10-VR17
MDSM-25PE-Z42-VR17
29,95 (1.179)
24,51 (.965)
18,65 (.734)
19,25 (.758)
15,24 (.600)
20,35 (.801)
*For use with SSA applications
No. of
Contacts
Part Numbers - Stacked
Thumbscrew
Push/Pull
A
max.
B
C
max.
D
max.
E
F
18
MDSM-18PE-Z10-VR25*
MDSM-18PE-Z42-VR25*
19,90 (.783)
14,35 (.565)
8,60 (.339)
9,00 (.354)
5,08 (.200)
10,24 (.403)
30
MDSM-30PE-Z10-VR22
MDSM-30PE-Z42-VR22
23,50 (.925)
18,16 (.715)
12,30 (.484)
12,71 (.500)
8,89 (.350)
14,00 (.551)
*For use with SSA applications
Note: Standard jackpost offering recommended for use with .060 panel.