Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEM9SNMC76 Datasheet(PDF) 214 Page - ITT Industries

No. de pieza DEM9SNMC76
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SNMC76 Datasheet(HTML) 214 Page - ITT Industries

Back Button DEM9SNMC76 Datasheet HTML 210Page - ITT Industries DEM9SNMC76 Datasheet HTML 211Page - ITT Industries DEM9SNMC76 Datasheet HTML 212Page - ITT Industries DEM9SNMC76 Datasheet HTML 213Page - ITT Industries DEM9SNMC76 Datasheet HTML 214Page - ITT Industries DEM9SNMC76 Datasheet HTML 215Page - ITT Industries DEM9SNMC76 Datasheet HTML 216Page - ITT Industries DEM9SNMC76 Datasheet HTML 217Page - ITT Industries DEM9SNMC76 Datasheet HTML 218Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
213
D Subminiature Accessories
Locking Hardware
#4-40 UNC
THREAD
0,89
± 0,13
(.035
± .005)
0,64
± 0,13
(.025
± .005)
Ø 5,59 (.220)
MAX
1,73 (.068)
MAX
Ø 5,59 (.220)
MAX
9,40 (.370)
MAX
16,26 (.640)
MAX
4,57 (.180)
MAX
CONNECTOR
ASSEMBLY
4,75 (.187) HEX
(ACROSS FLATS)
CONNECTOR
ASSEMBLY
#4-40 UNC THREAD
#4-40 UNC THREAD
PANEL 3,18 (.125)
MAX
1,14
± 0,13
(.045
± .005)
14,10
± 0,13
(.555
± .005)
5,84
± 0,13
(.230
± .005)
5,59 (.220) MIN
PERFECT THD
Kit consists of 2 studs, 2 heads, 1 tube
retaining compound
Order one kit per connector
Part Number:
D110550
Materials and Finishes
Material:
Stainless Steel
Kit consists of 2 posts, 2 hex nuts, 2 lock
washers
Order one kit per connector
Part Number:
D110551
Materials and Finishes
Material:
Stainless Steel
Treatment:
Passivated
NOTE: Jackpost is not compatible with rear-panel mount connectors.
Jackscrew/Jackpost Assemblies
Jackpost Assembly
Jackscrew Assembly
Jackpost Assembly
Jackscrew Assembly
ITT Cannon offers the largest variety of locking and
latching hardware. Refer to the accessories
selection guide on pages 198-199 for use with
ITT Cannon Connectors.
#2-56 UNC THD
HEAD,
JACKSCREW
STUD, JACKSCREW
RETAINING
COMPOUND
Ø 3,05 (.120)
FEMALE POST
#4-40 UNC-2A THD
#4-40 UNC-2B THD
Ø 3,05 (.120)
WASHER,
#4 LOCK
#4 HEX NUT
#4-40 UNC THD