Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEM9SNMC76 Datasheet(PDF) 199 Page - ITT Industries

No. de pieza DEM9SNMC76
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SNMC76 Datasheet(HTML) 199 Page - ITT Industries

Back Button DEM9SNMC76 Datasheet HTML 195Page - ITT Industries DEM9SNMC76 Datasheet HTML 196Page - ITT Industries DEM9SNMC76 Datasheet HTML 197Page - ITT Industries DEM9SNMC76 Datasheet HTML 198Page - ITT Industries DEM9SNMC76 Datasheet HTML 199Page - ITT Industries DEM9SNMC76 Datasheet HTML 200Page - ITT Industries DEM9SNMC76 Datasheet HTML 201Page - ITT Industries DEM9SNMC76 Datasheet HTML 202Page - ITT Industries DEM9SNMC76 Datasheet HTML 203Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
198
D Subminiature
Accessories
Selection Guide
Locking Hardware
Backshell
Style
Female Screw Lock
see page 209
Male Screw Lock
see page 208
Sliding Lock
Retainer Assembly
see page 210
Slide Lock Post
see page 211
Spring Latch Plate
see page 212
Spring Latch
see page 212
EMI Shielded
Snap-Together
Metalized Plastic
Straight Exit
see page 200
——————
EMI Shielded
Snap-Together
Metalized Plastic
40
° Exit
see page 200
——————
EMI Shielded
Die Cast Zinc
Metal
see page 202
—
————
Metal
Deep Straight
Clamp
see page 203
Metal
Round Cable
Clamp
see page 203
Metal
Short Straight
Clamp
see page 204
Metal
90
° Entry
see page 204
Plastic
Snap-Together
Universal
see page 205
————
Plastic
One-Piece
Snap-Together
see page 205
—
————
Plastic
One-Piece Plastic
Straight Exit
see page 206
——
Plastic
One-Piece Plastic
90
° Exit
see page 206
——
Plastic
Dataphone
see page 206
—
————
Plastic
Quick Disconnect
for IDC Cable
see page 207
——————
Plastic
Quick Disconnect for
Round Cable —
Straight and 90
° Exit
see page 207
——————
Supplied with backshell
Optional, compatible locking hardware
— Not compatible