Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEM9SNM Datasheet(PDF) 43 Page - ITT Industries

No. de pieza DEM9SNM
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SNM Datasheet(HTML) 43 Page - ITT Industries

Back Button DEM9SNM Datasheet HTML 39Page - ITT Industries DEM9SNM Datasheet HTML 40Page - ITT Industries DEM9SNM Datasheet HTML 41Page - ITT Industries DEM9SNM Datasheet HTML 42Page - ITT Industries DEM9SNM Datasheet HTML 43Page - ITT Industries DEM9SNM Datasheet HTML 44Page - ITT Industries DEM9SNM Datasheet HTML 45Page - ITT Industries DEM9SNM Datasheet HTML 46Page - ITT Industries DEM9SNM Datasheet HTML 47Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
42
D Subminiature
Combo D
Selection Index
Page
Combo D
An Introduction........................................................43
Combo DPCB Connectors with Coaxial 75 Ohm Contacts (50 Ohm Option)
Coaxial 90
° — Standard Footprint .318 or .283
inch (Sizes DE-DC) ...........44
Coaxial 90
° — Standard Footprint .489 or .454
inch (Size DD) ..............46
13C3 Special — Receptacle Only .........................................48
3C3 Shielded Special — Receptacle Only...................................49
Coaxial 90
° — European Footprint 10,2 or 9,4
mm (Sizes DE-DC)............50
Coaxial Straight — Standard PC Tails (Sizes DE-DC) ..........................52
Coaxial Straight — Standard PC Tails (Size DD) ..............................54
Coaxial Straight — European PC Tails (Sizes DE-DC) ..........................56
Coaxial Straight — European PC Tails (Size DD)..............................58
Combo DPCB Connectors with High Power Contacts
40 A High Power 90
° — Standard Footprint .489 or .454
inch (Sizes DE-DC) ...60
40 A High Power 90
° — Standard Footprint .489 or .454
inch (Size DD) .......62
40 A High Power 90
° — European Footprint 10,2 or 9,4
mm (Sizes DE-DC) ....64
40 A High Power Straight — Standard PC Tails (Sizes DE-DC) ...................66
40 A High Power Straight — Standard PC Tails (Size DD).......................68
40 A High Power Straight — European PC Tails (Sizes DE-DC)...................70
40 A High Power Straight — European PC Tails (Size DD) ......................72
Combo DPCB Connectors with (Size 20) Signal Contacts Only
90
° — European Footprint 10,2 or 9,4
mm (Sizes DE-DD)..................74
Straight PC Tails — European (Sizes DE-DD) ................................76
Solder Cup (Sizes DE-DD) ..............................................78
Combo DPCB Crimp Connectors without Contacts (Sizes DA-DD) ................80
Loose Contacts and Tooling
Shield Cans and Crimp Tooling...........................................82
Crimp (Size 20) Contacts and Tooling .....................................83
Cable (Size 8) Loose Contacts
Coaxial 75 Ohm and Tooling — Straight Stamped Crimp/Crimp.................84
Coaxial 75 Ohm and Tooling — 90
° Crimp Braid/Solder Center Contact ..........85
Coaxial 50 Ohm — Straight Crimp or Solder Braid ..........................86
Coaxial 50 Ohm — 90
° Crimp or Solder Braid .............................87
Insertion/Extraction Instructions for Coaxial,
High Power and High Voltage Contacts and Tooling .......................88
Coaxial Assembly Instructions and Crimp Tooling ...........................89
High Power and Tooling — Straight Solder or Crimp .........................90
High Voltage — Straight / 90
°..........................................91
PCB (Size 8) Loose Contacts
Coaxial 75 Ohm — Straight / 90
° .......................................92
High Power — Straight / 90
° ..........................................93
High Voltage — Straight ..............................................94
PCB Guide Pin and Socket ..............................................95
Connector footprint measured from front shell.
Connector footprint measured from rear shell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com