Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NUV614T Datasheet(PDF) 1 Page - NICHIA CORPORATION

No. de pieza NUV614T
Descripción Electrónicos  Tunable Laser Module CORE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NICHIA [NICHIA CORPORATION]
Página de inicio  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NUV614T Datasheet(HTML) 1 Page - NICHIA CORPORATION

  NUV614T Datasheet HTML 1Page - NICHIA CORPORATION NUV614T Datasheet HTML 2Page - NICHIA CORPORATION NUV614T Datasheet HTML 3Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
-1-
[YTB-SC0013-01]
2012/4/12
Tunable Laser Module CORE
NUV614T
TEST Sample
Outline
NUV614T is Simple Tunable Single Longitudinal Mode Lasers for industrial use and R&D etc.
Features
• Single Longitudinal Mode Laser : SMSR 30dB
• Wavelength Tunable
• Flexibility
Absolute Maximum Ratings (Ta=23°C unless otherwise noted)
*1: Without dewfall.
Initial Electrical/Optical Characteristics
(Ta=23°C unless otherwise noted)
Item
Condition
Symbol
Min
Typ.
Max
Unit
Optical Output Power
CW, 417nm
Po
-
-
45
mW
Threshold Current
CW, 417nm
Ith
-
30
-
mA
Forward Current
CW, 417nm
Iop
-
70
95
mA
Forward Voltage
CW, 417nm, IF=70mA
VF
-
4.7
-
V
Spectral Side Modes
CW, IF=70mA
SMSR
-
30
-
dB
Tuning Band Center Wavelength
CW, IF=70mA
λ
c
416
418
420
nm
Tuning Range
CW, IF=70mA
TR
λ
c±5
λ
c±6
-
nm
All figures in this specification are measured by Nichia's method and may contain measurement deviations.
This model is TEST Sample for evaluation or design purpose only. Life time is not guaranteed.
The above specifications are for reference purpose only and subjected to change without prior notice.
NICHIA CORPORATION
http://www.nichia.co.jp
SALES CONTACT
TOKYO SALES OFFICE
13F Tamachi Center Building 34-7, Shiba 5-Chome, Minato-Ku, TOKYO 108-0014, JAPAN
PHONE: +81-3-3456-3108
FAX: +81-3-5440-7330
TECHNICAL CONTACT
YOKOHAMA TECHNOLOGY CENTER
13-19, 3-Chome, Moriya-Cho, Kanagawa-Ku, Yokohama-shi, KANAGAWA 221-0022, JAPAN
PHONE: +81-45-444-0030
FAX: +81-45-444-0032
Item
Symbol
Absolute Maximum
Ratings
Unit
Optical Output Power
Po
65
mW
LD Reverse Voltage
Vr
2
V
Storage Temperature
Tstg
-20 ~ 60
deg.C
Operating Case
Temperature
Tc
20 ~ 30
deg.C
Operating Relative
Humidity
RH
85 *1
%


Número de pieza similar - NUV614T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NICHIA CORPORATION
NUV614T-E NICHIA-NUV614T-E Datasheet
229Kb / 3P
Tunable Laser Module CORE
More results

Descripción similar - NUV614T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NICHIA CORPORATION
NUB611T NICHIA-NUB611T Datasheet
440Kb / 3P
Tunable Laser Module CORE
NUV611T NICHIA-NUV611T Datasheet
421Kb / 3P
Tunable Laser Module CORE
NUV612T NICHIA-NUV612T Datasheet
420Kb / 3P
Tunable Laser Module CORE
NUV613T NICHIA-NUV613T Datasheet
424Kb / 3P
Tunable Laser Module CORE
NUB611T-E NICHIA-NUB611T-E Datasheet
244Kb / 3P
Tunable Laser Module CORE
NUV603E-E NICHIA-NUV603E-E Datasheet
232Kb / 3P
Tunable Laser Module
NUV611T-E NICHIA-NUV611T-E Datasheet
226Kb / 3P
Tunable Laser Module CORE
NUV612T-E NICHIA-NUV612T-E Datasheet
225Kb / 3P
Tunable Laser Module CORE
NUV613T-E NICHIA-NUV613T-E Datasheet
231Kb / 3P
Tunable Laser Module CORE
NUV614T-E NICHIA-NUV614T-E Datasheet
229Kb / 3P
Tunable Laser Module CORE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com