| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TIP34 Datasheet(PDF) 1 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP34 Datasheet(HTML) 1 Page - Comset Semiconductor |
|
1 / 4 page ![]() PNP TIP34-A-B-C 02/10/2012 COMSET SEMICONDUCTORS 1 | 4 SEMICONDUCTORS SILICON POWER TRANSISTORS They are PNP power transistors mounted in jedec TO-3PN. They are intended for use in general purpose power amplifier and switching applications. NPN complements are TIP33-A-B-C Compliance to RoHS . ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit VCBO Collector-Base Voltage TIP34 -40 V TIP34A -60 TIP34B -80 TIP34C -100 VCEO Collector-Emitter Voltage TIP34 -40 V TIP34A -60 TIP34B -80 TIP34C -100 VEBO Emitter-Base Voltage TIP34 -5 V TIP34A TIP34B TIP34C IC Collector Current TIP34 -10 A TIP34A TIP34B TIP34C ICM Collector Peak Current TIP34 -15 A TIP34A TIP34B TIP34C |
Número de pieza similar - TIP34 |
|
Descripción similar - TIP34 |