Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT9301 Datasheet(PDF) 2 Page - Richtek Technology Corporation

No. de pieza RT9301
Descripción Electrónicos  3-Channel Low Dropout RGB LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9301 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9301_11 Datasheet HTML 1Page - Richtek Technology Corporation RT9301_11 Datasheet HTML 2Page - Richtek Technology Corporation RT9301_11 Datasheet HTML 3Page - Richtek Technology Corporation RT9301_11 Datasheet HTML 4Page - Richtek Technology Corporation RT9301_11 Datasheet HTML 5Page - Richtek Technology Corporation RT9301_11 Datasheet HTML 6Page - Richtek Technology Corporation RT9301_11 Datasheet HTML 7Page - Richtek Technology Corporation RT9301_11 Datasheet HTML 8Page - Richtek Technology Corporation RT9301_11 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9301
2
DS9301-05 April 2011
www.richtek.com
Typical Application Circuit
3
~
SET1
3
~
1
SET
3
~
SET1
3
~
LED1
R
0.9V
V
x
800
I
x
800
I
=
=
LED3
LED2
LED1
GND
ISET1
V
BAT
VIN
ISET3
ISET2
R
SET3
R
SET2
GPIO
RT9301
R
SET1
1uF
V
BAT
1uF
LED3
LED2
LED1
ISET1
VIN
ISET3
ISET2
RT9301
R
SET3
R
SET2
R
SET1
GPIO
GND
Figure 2. Application Circuit for Backlight
Figure 3. Application Circuit for Keypad
GPIO (V) ILED (mA)
RSET (kΩ)
Nearest Standard Values for RSET (kΩ)
15
48
47.5
1.8
20
36
36
15
101
100
2.8
20
76
75
LED3
LED2
LED1
GND
ISET1
V
BAT
VIN
ISET3
ISET2
R
SET3
R
SET2
R
SET1
ON
OFF
GPIO
RT9301
V
SET1
V
SET2
V
SET3
1uF
Figure 1. Application circuit for RGB LED



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com