| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DAMMP11C1PJ Datasheet(PDF) 36 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMMP11C1PJ Datasheet(HTML) 36 Page - ITT Industries |
|
36 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 35 D Subminiature ZD* Solder Cup Termination (Stamped) with Tin Shells Part Numbers Shell Size Layout Through Hole DE 9 ZDE9S DA 15 ZDA15S DB 25 ZDB25S DC 37 ZDC37S DD 50 ZDD50S Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) K ±0,318 (.0125) L ±0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) Receptacle Engaging Face DD Configuration Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 30-31. Reader’s Resource For contact cavity arrangements, see page 224. For panel cutouts, see page 221. For hardware views (Standard), see page 226. 2,84 (.112) W F A C B E D Ø 3,05 (.120) 10 ° POSITION 1 5,69 (.224) L 2,84 (.112) K 10,72 (.422) MAX |