| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AWHW60G-0202-T-R Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AWHW60G-0202-T-R Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 35 page ![]() USB DAQ Platform EVM Power Multi-Cal-Master Multi-Cal-Interface Board Pressure Sensors in Pressure Manifold Pressure Source ±15V Loop or DUT Power DMM RS-232 or IEEE488 www.ti.com Starter System Setup 2 Starter System Setup Figure 7 shows the system setup for the Multi-Cal-System EVM. The PC runs software that communicates with the USB-DAQ-Platform. The USB-DAQ-Platform generates the digital signals used to communicate with the Multi-Cal-System EVM. Figure 7. Multi-Cal-System EVM Hardware Setup 2.1 Electrostatic Discharge Warning Many of the components on the Multi-Cal-System EVM are susceptible to damage by electrostatic discharge (ESD). Customers are advised to observe proper ESD handling precautions when unpacking and handling the EVM, including the use of a grounded wrist strap at an approved ESD workstation. CAUTION Failure to observe ESD handling procedures may result in damage to EVM components. 9 SBOU087A – August 2010 – Revised April 2011 Multi-Cal-System Evaluation Module Submit Documentation Feedback Copyright © 2010–2011, Texas Instruments Incorporated |