Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DCMAM37SNM Datasheet(PDF) 90 Page - ITT Industries

No. de pieza DCMAM37SNM
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DCMAM37SNM Datasheet(HTML) 90 Page - ITT Industries

Back Button DCMAM37SNM Datasheet HTML 86Page - ITT Industries DCMAM37SNM Datasheet HTML 87Page - ITT Industries DCMAM37SNM Datasheet HTML 88Page - ITT Industries DCMAM37SNM Datasheet HTML 89Page - ITT Industries DCMAM37SNM Datasheet HTML 90Page - ITT Industries DCMAM37SNM Datasheet HTML 91Page - ITT Industries DCMAM37SNM Datasheet HTML 92Page - ITT Industries DCMAM37SNM Datasheet HTML 93Page - ITT Industries DCMAM37SNM Datasheet HTML 94Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
89
D Subminiature
Combo D
Coaxial Assembly Instructions
RG Cable Number
Straight Coaxial
90
° Coaxial
N
± 0,25 (.010)
O
± 0,25 (.010)
P
± 0,25 (.010)
N
± 0,25 (.010)
O
± 0,25 (.010)
P
± 0,25 (.010)
196/U, 178B/U, 187/U,
188/U, 179B/U, 316B/U
7,92 (.312)
6,35 (.250)
1,98 (.078)
9,52 (.375)
5,94 (.234)
1,57 (.062)
195/U, 180B/U,
58/U, 58B/U
9,52 (.375)
7,92 (.312)
1,98 (.078)
10,69 (.422)
7,92 (.312)
2,39 (.094)
Coaxial Cable Trim Dimensions
RG Cable Number
Tool Part Number
Description
Closure
196/U, 178B/U
070051-0000
CCT-DM
C
187/U, 179B/U,
188/U, 316B/U
070051-0000
CCT-DM
B
195/U, 180B/U,
58/U, 58B/U
070051-0000
CCT-DM
A
Crimp Tooling
Straight and 90
° Coaxial Assembly
STEP 1:
Slide the outer ring over the cable jacket. Trim the
cable as specified in the table of Coaxial Cable Trim
Dimensions (see this page). Insert the cable
dielectric and center conductor into the inside
diameter of the inner sleeve. Then solder the center
conductor to the coaxial center contact.
Straight and 90
° Coaxial Assembly
STEP 2:
Slide the outer ring forward until it is flush with the
coaxial shell containing the braid between the outer
ring and the inner sleeve. For solder type coaxes,
soft solder the outer ring to the assembly through
the cross-drilled solder hold. For crimp type
coaxes, crimp with the appropriate tool in the area
defined.
Straight Coaxial
90
° Coaxial
Straight Coaxial
90
° Coaxial
Hand tool with integral die set for all coaxial straight
crimp braid.