| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DEMM9SF Datasheet(PDF) 99 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9SF Datasheet(HTML) 99 Page - ITT Industries |
|
99 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change D Subminiature C ommercial M icro D — M DSM Locking/Latching Options Jackscrew Push/Pull The jackscrew locking system is designed for applications which require a secureconnection. Utilizethumbscrews whentheconnectors areinfrequently unmated. The push/pull latching system is designed for applications which require a quickconnectanddisconnect. Aspringretentionmechanismlatches toa post on the board side to prevent unintentional unmatings. Z10 Jackpost Z42 Jackpost 6,45 (.254) #2-56 UNC 1,25 (.049) 3,18 (.125) HE X (AC R OS S F LAT S ) ¯ 3,25 (.128) 6,45 (.254) #2-56 UNC 1,25 (.049) 0,52 (.020) Note: Two Jackposts supplied with boardside connectors. Note: Two Jackposts supplied with boardside connectors. |