Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEM9SA Datasheet(PDF) 83 Page - ITT Industries

No. de pieza DEM9SA
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SA Datasheet(HTML) 83 Page - ITT Industries

Back Button DEM9SA Datasheet HTML 79Page - ITT Industries DEM9SA Datasheet HTML 80Page - ITT Industries DEM9SA Datasheet HTML 81Page - ITT Industries DEM9SA Datasheet HTML 82Page - ITT Industries DEM9SA Datasheet HTML 83Page - ITT Industries DEM9SA Datasheet HTML 84Page - ITT Industries DEM9SA Datasheet HTML 85Page - ITT Industries DEM9SA Datasheet HTML 86Page - ITT Industries DEM9SA Datasheet HTML 87Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
82
D Subminiature
Combo D
Shield Cans
X Cable
Ferrule
X A
Ferrule
Part Number
Crimp Tool
Part Number
Crimp Tool
Position
4,8 - 5,5
6,25 (.246)
304-8810-000
D115433-1
B
5,5 - 6,2
6,25 (.246)
304-8810-000
D115433-1
A
6,2 - 7,2
8,20 (.323)
304-8811-000
D115433-2
B
7,2 - 8,2
8,20 (.323)
304-8811-000
D115433-2
A
8,2 - 9,5
11,50 (.452)
304-8812-000
D115433-3
B
9,5 - 11,1
11,50 (.452)
304-8813-000
D115433-3
A
FERRULE
CABLE
Ferrule
Wire Trim Dimensions
11,25(.443)
Ø A
Ø 11,10(.437)
10,00(.394)
50,00 (1.969)
Crimp Tool Positions
10,10 (.398)
Ø 10,00 (.394)
Order 1 top can, 1 bottom can, 1 ferrule per
connector.
Materials and Finishes
Shield Can and Ferrule
Material:
Steel
Finish:
Tin
Part Numbers
Top Can (B size):
348-8946-000
Bottom Can (B size):
348-8945-000
Note: For other available can sizes, consult factory for details.