Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEM9SA Datasheet(PDF) 183 Page - ITT Industries

No. de pieza DEM9SA
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SA Datasheet(HTML) 183 Page - ITT Industries

Back Button DEM9SA Datasheet HTML 179Page - ITT Industries DEM9SA Datasheet HTML 180Page - ITT Industries DEM9SA Datasheet HTML 181Page - ITT Industries DEM9SA Datasheet HTML 182Page - ITT Industries DEM9SA Datasheet HTML 183Page - ITT Industries DEM9SA Datasheet HTML 184Page - ITT Industries DEM9SA Datasheet HTML 185Page - ITT Industries DEM9SA Datasheet HTML 186Page - ITT Industries DEM9SA Datasheet HTML 187Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
182
D Subminiature
Space/High Reliability
D*MA Standard Density Crimp Contact Cable Connector
Plug
Reader’s Resource
For contact cavity arrangements,
see page 224.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
Part Numbers
Shell Size
Layout
Through Hole
Dual
Float Mount
DE
9
DEMA9PNM*
DEMAY9PNM*
DA
15
DAMA15PNM*
DAMAY15PNM*
DB
25
DBMA25PNM*
DBMAY25PNM*
DC
37
DCMA37PNM*
DCMAY37PNM*
DD
50
DDMA50PNM*
DDMAY50PNM*
Notes: *For Residual Magnetism Level of 200 gamma, add B. Example: DEMA9PNMB
For shells with 50 microinches gold, add K52. Example: DEMA9PNMK52
For connectors without contacts, add F0. Example: DEMA9PNMF0 (F0 not marked on the connector)
For crimp (Size 20) contacts and tooling, see pages 187 & 275
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
Engaging Face
10
°
D
E
C
B
A
Ø 3,05 (.120)
8,76 (.345) MAX
L
K
F
W