Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEM9SL Datasheet(PDF) 41 Page - ITT Industries

No. de pieza DEM9SL
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SL Datasheet(HTML) 41 Page - ITT Industries

Back Button DEM9SL Datasheet HTML 37Page - ITT Industries DEM9SL Datasheet HTML 38Page - ITT Industries DEM9SL Datasheet HTML 39Page - ITT Industries DEM9SL Datasheet HTML 40Page - ITT Industries DEM9SL Datasheet HTML 41Page - ITT Industries DEM9SL Datasheet HTML 42Page - ITT Industries DEM9SL Datasheet HTML 43Page - ITT Industries DEM9SL Datasheet HTML 44Page - ITT Industries DEM9SL Datasheet HTML 45Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
40
D Subminiature
D*W
Shield Can Kit
Ferrule
D*W
X Cable
Ferrule
X A
Ferrule
Part Number
Crimp Tool
Part Number
Crimp Tool
Position
DEW9G
4,8-5,5
6,25 (.246)
304-8810-000
D115433-1
B
5,5-6,2
6,25 (.246)
304-8810-000
D115433-1
A
6,2-7,2
8,20 (.323)
304-8811-000
D115433-2
B
7,2-8,2
8,20 (.323)
304-8811-000
D115433-2
A
8,2-9,5
11,50 (.452)
304-8812-000
D115433-3
B
9,5-11,1
11,50 (.452)
304-8813-000
D115433-3
A
DBW25G
4,8-5,5
6,25 (.246)
304-8810-000
D115433-1
B
5,5-6,2
6,25 (.246)
304-8810-000
D115433-1
A
6,2-7,2
8,20 (.323)
304-8811-000
D115433-2
B
7,2-8,2
8,20 (.323)
304-8811-000
D115433-2
A
8,2-9,5
11,50 (.452)
304-8812-000
D115433-3
B
9,5-11,1
11,50 (.452)
304-8813-000
D115433-3
A
Ferrule
Wire Trim Dimensions
Crimp Tool Positions
FERRULE
CABLE
60
°
38,80(1.528)
32,60(1.283)
16,70
(.657)
39,80
(1.567)
FERRULE, MUST
BE PURCHASED
SEPARATELY.
Materials and Finishes
Shield Can and Ferrule
Material:
Steel
Finish:
Tin
11,25(.443)
Ø A
Ø 11,10(.437)
10,00(.394)
50,00 (1.969)
FERRULE
CABLE
35,00
(1.378)
WIRES
BRAID
Ø10,00
(.394)
10,10
(.398)