Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEM9SL Datasheet(PDF) 211 Page - ITT Industries

No. de pieza DEM9SL
Descripción Electrónicos  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SL Datasheet(HTML) 211 Page - ITT Industries

Back Button DEM9SL Datasheet HTML 207Page - ITT Industries DEM9SL Datasheet HTML 208Page - ITT Industries DEM9SL Datasheet HTML 209Page - ITT Industries DEM9SL Datasheet HTML 210Page - ITT Industries DEM9SL Datasheet HTML 211Page - ITT Industries DEM9SL Datasheet HTML 212Page - ITT Industries DEM9SL Datasheet HTML 213Page - ITT Industries DEM9SL Datasheet HTML 214Page - ITT Industries DEM9SL Datasheet HTML 215Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
210
D Subminiature Accessories
Locking Hardware
Slide Lock Assemblies
Sliding Lock Retainer Assembly
2,36 (.093)
TRAVEL REF
A
C
B
Ideal for Ethernet Applications
Kit consists of 1 sliding lock plate, 2 mounting
screws, 2 lock washers, 2 hex nuts
Order 1 kit per connector
Description
Material
Finish/
Treatment
Sliding Lock
Plate
Stainless Steel Passivated
Screw,
Mounting
Washer, Lock
Steel
Yellow
Chromate Over
Cadmium or
Zinc
Nut, Hex
Shell
Size
Layout
Part
Number
A
±0,38 (.015)
B
±0,38 (.015)
C
±0,13 (.005)
DE
9
DE51224-1
35,05 (1.380)
12,70 (.500)
25,00 (.984)
DA
15
DA51220-1*
43,70 (1.720)
12,70 (.500)
33,32 (1.312)
DB
25
DB51221-1
57,40 (2.260)
12,70 (.500)
47,04 (1.852)
DC
37
DC51222-1
73,86 (2.908)
12,70 (.500)
63,50 (2.500)
DD
50
DD51223-1
71,47 (2.814)
15,47 (.609)
61,11 (2.406)
* Meets IEEE 802.3 Ethernet Specification
ITT Cannon offers the largest variety of locking and
latching hardware. Refer to the accessories
selection guide on pages 198-199 for use with
ITT Cannon backshells.
Product Features
Ensures positive mating
Provides locking and latching for high
vibration applications
WASHER
LOCK
WASHER,
#4-40
POST
#4-40
NUT, HEX
WASHER, LOCK
NUT, HEX
MOUNTING
SCREW #4-40
SLIDING LOCK
PLATE,
,
,
,