Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HDO4K-RSSD-02 Datasheet(PDF) 12 Page - Teledyne Technologies Incorporated

No. de pieza HDO4K-RSSD-02
Descripción Electrónicos  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TELEDYNE [Teledyne Technologies Incorporated]
Página de inicio  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

HDO4K-RSSD-02 Datasheet(HTML) 12 Page - Teledyne Technologies Incorporated

Back Button HDO4K-RSSD-02 Datasheet HTML 8Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 9Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 10Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 11Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 12Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 13Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 14Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 15Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 16Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
SeRIAL TRIGGeR AND DeCODe OPTIONS
Debugging serial data busses can
be confusing and time consuming.
The serial data trigger and decode
options for HDO4000 provide time
saving tools for serial bus debug and
validation.
The serial data trigger will quickly
isolate events on a bus eliminating
the need to set manual triggers and
hoping to catch the right information.
Trigger conditions can be entered
in binary or hexadecimal formats
and conditional trigger capabilities
even allow triggering on a range of
different events.
Protocol decoding is shown directly
on the waveform with an intuitive,
color-coded overlay and presented
in binary, hex or ASCII. Decoding
on the HDO4000 is fast even with
long memory and zooming in to the
waveform shows precise byte by byte
decoding.
To further simplify the debug process
all decoded data can be displayed in
a table below the waveform grid.
Selecting an entry in the table with
the touch screen will display just
that event. Additionally, built-in
search functionality will find specific
decoded values.
Supported Serial Data
Protocols
• I2C, SPI, UART
• CAN, LIN, FlexRay™, SENT
• USB 1.0/1.1/2.0, USB 2.0-HSIC
• Audio (I2S, LJ, RJ, TDM)
• MIL-STD-1553, ARINC 429
• MIPI D-PHY, DigRF 3G, DigRF v4
View decoded protocol information on top of physical layer waveforms and trigger on protocol specific messages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16