| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
WM8326GEFL/V Datasheet(PDF) 1 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8326GEFL/V Datasheet(HTML) 1 Page - Wolfson Microelectronics plc |
|
1 / 255 page ![]() w WM8326 Processor Power Management Subsystem WOLFSON MICROELECTRONICS plc To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews Production Data, June 2012, Rev 4.0 Copyright 2012 Wolfson Microelectronics plc DESCRIPTION The WM8326 is an integrated power-management subsystem which provides a cost-effective, flexible, single-chip solution for power management. It is specifically targeted at the requirements of a range of low-power portable consumer products, but is suitable to any application with a multimedia processor. The WM8326 is designed to operate as a system PMIC supporting the ARM9™, ARM11™ and ARM Cortex-A™ processors, but is also capable of supporting the majority of application and mobile processors at the heart of a wide range of low-power consumer multimedia applications. The start-up behaviour and configuration is fully programmable in an integrated OTP non-volatile memory. This highly flexible solution helps reduce time-to-market, as changing application requirements can be very easily accommodated in the OTP. The InstantConfig TM interface enables an external EEPROM to configure the WM8326. The WM8326 power management subsystem comprises four programmable DC-DC converters and eleven LDO regulators (four of which are low-noise for supplying sensitive analogue subsystems). The integrated OTP bootstrap circuitry controls the start-up sequencing and voltages of the converters and regulators as well as the sequencing of system clocks. The DC-DC converters deliver high performance and high efficiency across a wide range of operating conditions. They are optimised to support the high load current transients seen in modern processor core domains. DC-DC3 / DC-DC4 can be connected together and operated in ‘dual’ mode to support an increased current load of up to 1.6A An on-chip regulator provides power for always-on PMIC functions such as register map and the RTC. The device provides autonomous backup battery switchover. A low-power LDO is included to support ‘Alive’ processor power domains external to the WM8326. A 12-bit Auxiliary ADC supports a wide range of applications for internal as well as external analogue sampling, such as voltage detection and temperature measurement. WM8326 includes a crystal oscillator and an internal RC oscillator to generate all clock signals for autonomous system start-up and processor clocking. A Secure Real-time Clock (S- RTC) and alarm function is included, capable of waking up the system from low-power modes. A watchdog function is provided to ensure system integrity. To maximise battery life, highly-granular power management enables each function in the WM8326 subsystem to be independently powered down through a control interface or alternatively through register and OTP-configurable GPIOs. The device offers a standby power consumption of <7uA, making it particularly suitable for portable applications. The WM8326 is supplied in an 8x8mm 81-lead QFN package, ideal for use in portable systems. The WM8326 forms part of the Wolfson series of audio and power management solutions, and is widely register compatible with the WM831X devices. FEATURES Power Management 2 x DC-DC synchronous buck converters (0.6V - 1.8V, 2.5A, DVS) 2 x DC-DC synchronous buck converters (0.85V - 3.4V, 1A) 1 x LDO regulator (0.9V - 3.3V, 300mA, 1 ) 2 x LDO regulators (0.9V - 3.3V, 200mA, 1 ) 3 x LDO regulators (0.9V - 3.3V, 100mA, 2 ) 2 x Low-noise LDO regulators (1.0V - 3.5V, 200mA, 1 ) 2 x Low-noise LDO regulators (1.0V - 3.5V, 150mA, 2 ) 1 x ‘Alive’ regulator (0.8V – 1.55V, up to 25mA) System Control I 2C or SPI compatible primary control interface Comprehensive interrupt scheme Watchdog timer and system reset control Autonomous power sequencing and fault detection OTP memory bootstrap configuration function Additional Features Auxiliary ADC for multi-function analogue measurement 128-bit pseudo-random unique ID Secure Real-Time Clock with wake-up alarm 12 x configurable multi-function (GPIO) pins Comprehensive clocking scheme: low-power 32kHz RTC crystal oscillator, GPIO clock output and 4MHz RC clock for power management System LED outputs indicating device power state, and fault status Package Options 8 x 8 x 0.85mm, 81-lead QFN package APPLICATIONS Cellular Handsets Smartphones Electronic Books Portable Media Players Mobile Internet Devices Electronic Gaming Devices Netbooks Smartbooks Set Top Box Digital Picture Frames |
Número de pieza similar - WM8326GEFL/V |
|
Descripción similar - WM8326GEFL/V |