| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
WM8960CGEFL/RV Datasheet(PDF) 35 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8960CGEFL/RV Datasheet(HTML) 35 Page - Wolfson Microelectronics plc |
|
35 / 91 page ![]() Production Data WM8960 w PD, October 2011, Rev 4.1 35 OUTPUT MIXERS Left and right analogue mixers allow the DAC output and analogue bypass paths to be mixed. Programmable attenuation and mute is available on the analogue bypass paths from LINPUT3, RINPUT3 and from the input boost mixers as shown in Figure 13. A mono mix of left and right output mixers is also available on OUT3. Figure 13 Output Mixer Path Left and right mixers are enabled by the LOMIX and ROMIX register bits. The mono mixer is enabled by OUT3 register bit, which also enables the OUT3 driver. REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION R47 (2Fh) Power Management (3) 3 LOMIX 0 Left Output Mixer Enable Control 0 = Disabled 1 = Enabled 4 ROMIX 0 Right Output Mixer Enable Control 0 = Disabled 1 = Enabled R26 (1Ah) Power Management (2) 1 OUT3 0 Mono Output and Mono Mixer Enable Control 0 = Mono mixer and output disabled 1 = Mono mixer and output enabled Table 21 Output Mixer Enable Control Inputs to the mixers from the DAC and bypass paths can be individually muted. The bypass paths have programmable attenuation as shown in Table 22. To prevent pop noise, it is recommended not to change volume levels of these paths during playback. |