| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LPC3180/01 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC3180/01 Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 12 page ![]() * SCT peripheral can be configured as additional timers and/or PWM channels. ** SGPIO peripheral can be configured as additional I2S, I2C, UART and/or SSP channels. Temp. range options F= -40 to +85 C J= -40 to +105 C Type Memory Timers Serial Interfaces Analog Package Comment/Special features LPC23xx devices LPC2388 512 98 6 6 1 1 4 3 2 3 1 8/10 b 1 • 104 • • 72 3.3 F LQFP144 LPC2378 with 98K SRAM and USB host/OTG/device LPC2387 512 98 6 6 1 1 4 3 2 3 1 6 1 • 70 • 72 3.3 F LQFP100 LPC2368 with 98K SRAM and USB host/OTG/device LPC2378 512 58 6 6 1 1 4 3 2 3 1 8/10 b 1 • 104 • • 72 3.3 F LQFP144 On-chip 4 MHz RC-Osc, GP DMA, RTC w/ 2K batt. RAM USB 2.0 FS device w/ PHY, DMA and 4K RAM; UART 3 w/ IrDA; MiniBus (8-bit) LPC2377 512 58 6 6 1 4 3 3 1 8/10 b 1 • 104 • • 72 3.3 F LQFP144 LPC2378 without USB or CAN LPC2368 512 58 6 6 1 1 4 3 2 3 1 6/10 b 1 • 70 • 72 3.3 F LQFP100, TFBGA100 100-pin version of LPC2378 with USB device, no external bus LPC2367 512 58 6 6 1 4 3 3 1 6/10 b 1 • 70 • 72 3.3 F LQFP100 LPC2368 without USB or CAN LPC2366 256 58 6 6 1 1 4 3 2 3 1 6/10 b 1 70 • 72 3.3 F LQFP100 256K Flash version of LPC2368 with USB device, no SD/MMC LPC2365 256 58 6 6 1 4 3 3 1 6/10 b 1 70 • 72 3.3 F LQFP100 LPC2366 without USB or CAN LPC2364 128 34 6 6 1 1 4 3 2 3 1 6/10 b 1 70 • 72 3.3 F,H LQFP100 TFBGA100 128K Flash / 34K RAM version of LPC2368 with USB device, no SD/MMC LPC2362 128 58 6 6 1 1 4 3 2 3 1 6/10 b 1 70 • 72 3.3 F LQFP100 LPC2364 with USB host/OTG/device and more RAM LPC2361 64 34 6 6 1 4 3 2 3 1 6/10 b 1 70 • 72 3.3 F LQFP100 64K Flash, USB host/OTG/device and CAN controller LPC2388 512 98 6 6 1 1 4 3 2 3 1 8/10 b 1 • 104 • • 72 3.3 F LQFP144 LPC2378 with 98K SRAM and USB host/OTG/device LPC2387 512 98 6 6 1 1 4 3 2 3 1 6/10 b 1 • 70 • 72 3.3 F LQFP100 LPC2368 with 98K SRAM and USB host/OTG/device LPC2378 512 58 6 6 1 1 4 3 2 3 1 8/10 b 1 • 104 • • 72 3.3 F LQFP144 On-chip 4 MHz RC-Osc, GP DMA, RTC w/ 2K batt. RAM USB 2.0 FS device w/ PHY, DMA and 4K RAM; UART 3 w/ IrDA; MiniBus (8-bit) LPC2377 512 58 6 6 1 4 3 3 1 8/10 b 1 • 104 • • 72 3.3 F LQFP144 LPC2378 without USB or CAN LPC23xx devices LPC2368 512 58 6 6 1 1 4 3 2 3 1 6/10 b 1 • 70 • 72 3.3 F LQFP100, TFBGA100 100-pin version of LPC2378 with USB device, no external bus LPC2367 512 58 6 6 1 4 3 3 1 6/10 b 1 • 70 • 72 3.3 F LQFP100 LPC2368 without USB or CAN LPC2366 256 58 6 6 1 1 4 3 2 3 1 6/10 b 1 70 • 72 3.3 F LQFP100 256K Flash version of LPC2368 with USB device, no SD/MMC LPC2365 256 58 6 6 1 4 3 3 1 6/10 b 1 70 • 72 3.3 F LQFP100 LPC2366 without USB or CAN LPC2364 128 34 6 6 1 1 4 3 2 3 1 6/10 b 1 70 • 72 3.3 F,H LQFP100 TFBGA100 128K Flash / 34K RAM version of LPC2368 with USB device, no SD/MMC LPC2362 128 58 6 6 1 1 4 3 2 3 1 6/10 b 1 70 • 72 3.3 F LQFP100 LPC2364 with USB host/OTG/device and more RAM LPC2361 64 34 6 6 1 4 3 2 3 1 6/10 b 1 70 • 72 3.3 F LQFP100 64K Flash, USB host/OTG/device and CAN controller LPC ConnectPlus Cont’d |