Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LPS331APY Datasheet(PDF) 32 Page - STMicroelectronics

No. de pieza LPS331APY
Descripción Electrónicos  MEMS pressure sensor: 260-1260 mbar absolute digital output barometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS331APY Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LPS331APY Datasheet HTML 28Page - STMicroelectronics LPS331APY Datasheet HTML 29Page - STMicroelectronics LPS331APY Datasheet HTML 30Page - STMicroelectronics LPS331APY Datasheet HTML 31Page - STMicroelectronics LPS331APY Datasheet HTML 32Page - STMicroelectronics LPS331APY Datasheet HTML 33Page - STMicroelectronics LPS331APY Datasheet HTML 34Page - STMicroelectronics LPS331APY Datasheet HTML 35Page - STMicroelectronics LPS331APY Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Package mechanical section
LPS331AP
32/36
Doc ID 022112 Rev 7
8
Package mechanical section
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 11.
Package outline for HCLGA-16L (3 x 3 x 1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36