Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CR95HF Datasheet(PDF) 23 Page - STMicroelectronics

No. de pieza CR95HF
Descripción Electrónicos  13.56-MHz multi-protocol contactless transceiver IC with SPI and UART serial access
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR95HF Datasheet(HTML) 23 Page - STMicroelectronics

Back Button CR95HF Datasheet HTML 19Page - STMicroelectronics CR95HF Datasheet HTML 20Page - STMicroelectronics CR95HF Datasheet HTML 21Page - STMicroelectronics CR95HF Datasheet HTML 22Page - STMicroelectronics CR95HF Datasheet HTML 23Page - STMicroelectronics CR95HF Datasheet HTML 24Page - STMicroelectronics CR95HF Datasheet HTML 25Page - STMicroelectronics CR95HF Datasheet HTML 26Page - STMicroelectronics CR95HF Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
CR95HF
Commands
Doc ID 018669 Rev 8
23/63
For more detailed examples of use with NFC Forum and ISO/IEC 15693 tags, refer to
Appendix D on page 51.
5.6
Idle command (0x07) description
This command switches the CR95HF into low consumption mode and defines the way to
return to Ready state.
The Result code contains the Wake-up flag register value indicating to the application the
wake-up event that caused the device to exit WFE mode.
ISO/IEC
18092
NFC
Forum
Tag Type
3
Response
example
80 12
01010105017B0...93FF
00
<<<0x801201010105017B
06941004014B024F4993F
F00
Result code
Length of entire data
field
Data received from tag
[7:2]: RFU
1: CRC error if set
0: RFU
Table 12.
List of
<Data> Response values for the SENDRECV command for different
protocols (continued)
Protocol
Explanation
Response example
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63