Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-SPBT3ATV3 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STEVAL-SPBT3ATV3
Descripción Electrónicos  USB dongle for the Bluetooth® class 2 SPBT2632C2A.AT2 module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SPBT3ATV3 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-SPBT3ATV3 Datasheet HTML 1Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 2Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 3Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 4Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 5Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 6Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 7Page - STMicroelectronics STEVAL-SPBT3ATV3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STEVAL-SPBT3ATV3
I/O connections
Doc ID 023290 Rev 2
5/8
3
I/O connections
3.1
PAD description
Other than the USB plug, some pads are also available. In fact, pads PAD1 to PAD13 make
the SPBT2632C2A.AT2 pins available to the user.
Figure 3.
Available pads
Table 2 gives a description of these pads.
Note:
Default configuration - different configurations can be chosen (see datasheet).
Table 2.
Pad connections
Description
(PAD)
1
BOOT0 - Boot pin used for firmware downloading - used for testing purposes
2
3.3 V (module – LED1 is connected to this PAD)
3
RESETN - reset - connected in parallel to onboard reset switch
4GND
5
+5 V (USB)
6
LPO (external 32.768 kHz frequency input to allow deep sleep and sniff mode
Bluetooth module functional states)
7
GPIO07 – general purpose I/O
8
GPIO01 – general purpose I/O (see note) (LED2 is connected to this GPIO)
9
GPIO02 – general purpose I/O (see note)
10
GPIO03 – general purpose I/O (see note)
11
GPIO04 – general purpose I/O (see note) (LED3 is connected to this GPIO)
12
GPIO06 – general purpose I/O see note)
13
GPIO05 – general purpose I/O
AM12318v1
1
3
413



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com