| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPEAR1340 Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR1340 Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 200 page ![]() Pin description SPEAr1340 42/200 Doc ID 023063 Rev 4 Figure 3. SPEAr1340 pin map (quadrant B) 15 16 17 18 19 20 21 22 23 24 25 26 27 28 A MCIF_ADDR1 _CLE_CLK/ XGPIO225 MCIF_LEDs/ XGPIO219 MCIF_nCD_ xD/ XGPIO214 FSMC_AD4/M CIF_nCD_ CF1/ XGPIO209 FSMC_AD9/ MCIF_nRES ET_CF/ XGPIO204 FSMC_AD14/ MCIF_nDMAC K_nWP/ XGPIO199 FSMC_AD21/ MCIF_ DATA14/ XGPIO194 LCD_XB5/ ARM_ TRCDATA29/ XGPIO189 LCD_XB0/ ARM_ TRCDATA24/ XGPIO184 LCD_XG3/ ARM_ TRCDATA19/ XGPIO179 LCD_XG0/ ARM_ TRCDATA15/ XGPIO175 LCD_R3/ ARM_ TRCDATA11/ XGPIO171 LCD_R6/ ARM_ TRCDATA10/ XGPIO170 LCD_R7/ ARM_ TRCDATA5/ XGPIO165 B MCIF_ DATA7/ XGPIO224 MCIF_ DATA1/ XGPIO220 FSMC_AD0/ MCIF_ ADDR2/ XGPIO215 FSMC_AD5/ MCIF_nCD_ CF2/ XGPIO210 FSMC_AD10/ MCIF_nCS0_ nCE/ XGPIO205 FSMC_AD15/ MCIF_ DATA10/ XGPIO200 FSMC_AD22/ MCIF_ DATA13/ XGPIO195 LCD_XB6/ ARM_ TRCDATA30/ XGPIO190 LCD_XB1/ ARM_ TRCDATA25/ XGPIO185 LCD_XG4/ ARM_ TRCDATA20/ XGPIO180 LCD_XG1/ ARM_ TRCDATA16/ XGPIO176 LCD_R0/ ARM_ TRCDATA12/ XGPIO172 LCD_VSYNC/ ARM_ TRCDATA8/ XGPIO168 LCD_PE/ ARM_ TRCDATA4/ XGPIO164 C MCIF_nCD_ SD_MMC/ XGPIO226 MCIF_DATA2/ XGPIO221 FSMC_AD1/ MCIF_nCE_ CF/ XGPIO216 FSMC_AD6 /MCIF_DATA_ DIR/ XGPIO211 FSMC_AD11/ MCIF_CF_ INTR/ XGPIO206 FSMC_AD18/ MCIF_DATA9/ XGPIO201 FSMC_AD23/ MCIF_ DATA12/ XGPIO196 LCD_XB7/ ARM_ TRCDATA31/ XGPIO191 LCD_XB2/ ARM_ TRCDATA26/ XGPIO186 LCD_XG5/ ARM_ TRCDATA21/ XGPIO181 LCD_XG2/ ARM_ TRCDATA17/ XGPIO177 LCD_HSYNC /ARM_ TRCDATA13/ XGPIO173 LCD_R1/ ARM_ TRCDATA7/ XGPIO167 LCD_DE/ ARM_ TRCDATA3/ XGPIO163 D MCIF_DMAR Q_RnB_WP/ XGPIO227 MCIF_DATA3/ XGPIO222 FSMC_AD2/ MCIF_nCE_ xD/ XGPIO217 FSMC_AD7/ MCIF_ nIORD_nRE/ XGPIO212 FSMC_AD12/ MCIF_IORDY /XGPIO207 FSMC_AD19/ MCIF_DATA8/ XGPIO202 FSMC_AD24/ MCIF_ DATA11/ XGPIO197 FSMC_AD25/ XGPIO192 LCD_XB3/ ARM_ TRCDATA27/ XGPIO187 LCD_XG6/ ARM_ TRCDATA22/ XGPIO182 LCD_LED_P WM/ARM_ TRCDATA18/ XGPIO178 LCD_XR7/ ARM_ TRCDATA14/ XGPIO174 LCD_R4/ ARM_ TRCDATA6/ XGPIO166 LCD_R5/ ARM_ TRCDATA1/ XGPIO161 E MCIF_DATA1 _SD/ XGPIO228 MCIF_DATA6/ XGPIO223 MCIF_SD_ CMD/ XGPIO218 MCIF_ ADDR0_ALE/ XGPIO213 FSMC_AD3/ MCIF_nCE_ SD_MMC/ XGPIO208 FSMC_AD8/ MCIF_nIO WR_nWE/ XGPIO203 FSMC_AD13/ MCIF_nCS1/ XGPIO198 FSMC_AD20/ MCIF_ DATA15/ XGPIO193 LCD_XB4/ ARM_ TRCDATA28/ XGPIO188 LCD_XG7/ ARM_ TRCDATA23/ XGPIO183 LCD_G0/ ARM_ TRCDATA0/ XGPIO160 LCD_XR0/ ARM_ TRCCTL/ XGPIO159 LCD_XR3/ ARM_TRCCL K/XGPIO158 LCD_G1/ XGPIO157 F IO_VDD3V3 gnd IO_VDD3V3 IO_VDD3V3 gnd IO_VDD3V3 IO_VDD3V3 gnd IO_VDD3V3 LCD_R2/ ARM_ TRCDATA2/ XGPIO162 LCD_G4/ XGPIO156 LCD_G6/ XGPIO155 LCD_XR1/ XGPIO154 LCD_XR4/ XGPIO153 G IO_VDD3V3 LCD_G2/ XGPIO152 LCD_G5/ XGPIO151 LCD_G7/ XGPIO150 LCD_XR2/ XGPIO149 LCD_XR5/ XGPIO148 H gnd LCD_G3/ XGPIO147 LCD_B1/ XGPIO146 LCD_B0/ XGPIO145 LCD_B7/ XGPIO144 LCD_XR6/ XGPIO143 J IO_VDD3V3 LCD_B6/ XGPIO138 LCD_B2/ XGPIO142 LCD_B3/ XGPIO141 LCD_B4/ XGPIO140 LCD_B5/ XGPIO139 K IO_COMP_ REXT2_1V8_3 V3 gnd VDD1V2 gnd IO_COMP_ REXT2_3V3 gnd CEC1/ XGPIO136 CEC0/ XGPIO135 SPDIF_OUT/X GPIO137 I2C0_SDA/ XGPIO133 LCD_PCLK/ ARM_ TRCDATA9/ XGPIO169 L gnd VDD1V2 gnd VDD1V2 IO_COMP_ GND2_3V3 IO_VDD2V5_ 3V3 MAC_TXEN/X GPIO129 MAC_TXER/X GPIO130 MAC_CRS/XG PIO131 SSP_SS3n/ XGPIO132 I2C0_SCL/ XGPIO134 M gnd gnd VDD1V2 gnd VDD1V2 gnd MAC_RXD6/X GPIO124 MAC_RXD7/X GPIO125 MAC_COL/ XGPIO126 MAC_RXDV/X GPIO127 MAC_RXER/X GPIO128 N gnd gnd gnd VDD1V2 gnd IO_VDD2V5_ 3V3 MAC_RXD3/X GPIO119 MAC_RXD4/X GPIO120 MAC_RXD5/X GPIO121 MAC_MDC/X GPIO122 MAC_MDIO/X GPIO123 P gnd gnd VDD1V2 gnd IO_COMP_ REXT_2V5_ 3V3 gnd IO_VDD2V5_ 3V3 MAC_RXD2/X GPIO118 MAC_TXD6/X GPIO115 MAC_TXD7/X GPIO116 MAC_ RXCLK/ XGPIO117 |