Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SPC560P60L5 Datasheet(PDF) 59 Page - STMicroelectronics

No. de pieza SPC560P60L5
Descripción Electrónicos  32-bit Power Architecture® based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P60L5 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button SPC560P60L5 Datasheet HTML 55Page - STMicroelectronics SPC560P60L5 Datasheet HTML 56Page - STMicroelectronics SPC560P60L5 Datasheet HTML 57Page - STMicroelectronics SPC560P60L5 Datasheet HTML 58Page - STMicroelectronics SPC560P60L5 Datasheet HTML 59Page - STMicroelectronics SPC560P60L5 Datasheet HTML 60Page - STMicroelectronics SPC560P60L5 Datasheet HTML 61Page - STMicroelectronics SPC560P60L5 Datasheet HTML 62Page - STMicroelectronics SPC560P60L5 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 104 page
background image
SPC56xP54x, SPC56xP60x
Electrical characteristics
Doc ID 18340 Rev 3
59/104
VDD_LV_REGCOR/VSS_LV_REGCOR pair . Additionally, capacitors with total values not below
CDEC3, should be placed between the VDD_HV_REG/VSS_HV_REG pins close to ballast
collector. Capacitors values have to take into account capacitor accuracy, aging and
variation versus temperature.
All reported information are valid for voltage and temperature ranges described in
recommended operating condition, Table 10 and Table 11.
Figure 9.
Voltage regulator configuration
Table 16.
Approved NPN ballast components
Part
Manufacturer
Approved derivatives(1)
1.
For automotive applications please check with the appropriate transistor vendor for automotive grade
certification
BCP68
ON Semi
BCP68
NXP
BCP68-25
Infineon
BCP68-25
BCX68
Infineon
BCX68-10;BCX68-16;BCX68-25
BC868
NXP
BC868
BC817
Infineon
BC817-16;BC817-25;BC817SU;
NXP
BC817-16;BC817-25
BCP56
ST
BCP56-16
Infineon
BCP56-10;BCP56-16
ON Semi
BCP56-10
NXP
BCP56-10;BCP56-16
BCTRL
VDD_LV_COR
CDEC3
CDEC2
CDEC1
VDD_HV_REG
BJT(1)
SPC56xP54/60
1.
Refer to Table 16.