Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STA541SA Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza STA541SA
Descripción Electrónicos  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 16Page - STMicroelectronics STA541SA Datasheet HTML 17Page - STMicroelectronics STA541SA Datasheet HTML 18Page - STMicroelectronics STA541SA Datasheet HTML 19Page - STMicroelectronics STA541SA Datasheet HTML 20Page - STMicroelectronics STA541SA Datasheet HTML 21Page - STMicroelectronics STA541SA Datasheet HTML 22Page - STMicroelectronics STA541SA Datasheet HTML 23Page - STMicroelectronics STA541SA Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Practical information
STA541SA
20/26
Doc ID 16988 Rev 2
7.5
Handling the diagnostic information
As different diagnostic information (clipping detection, output fault, approaching thermal
shutdown) becomes available at pin 10 so the behavior of the signal at this pin changes.
In order to discriminate the event the signal on pin 10 must be interpreted correctly.
Figure 20 shows a combination of events on the output waveform and the corresponding
output on pin 10.
These events could be diagnosed based on the timing of the output signal on pin 10. For
example, the clip-detector signalling under fault conditions could produce a low level for a
short time. On the other hand, an output short circuit would probably produce a low level for
a much longer time. With these assumptions, an interface circuit based on the one shown in
Figure 21 could differentiate the information and flag the appropriate circuits.
Figure 20.
Waveforms
Figure 21.
Interface circuit diagram
t
t
t
STBY PIN
VOLTAGE
Vs
OUTPUT
WAVEFORM
Vpin 10
WAVEFORM
SHORT TO GND
OR TO Vs
D05AU1604mod
CLIPPING
THERMAL
PROXIMITY
VREF
VREF1
VREF2
R1
R2
Clip detector
(to gain compressor / tone control)
Fault, thermal shutdown
(to power supply section, voltage regulator,
flashing system)
STA541SA
R1 << R2
VREF > VREF1 >> VREF2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26