Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STA515W Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STA515W
Descripción Electrónicos  40-volt, 3-amp, quad power half bridge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA515W Datasheet(HTML) 1 Page - STMicroelectronics

  STA515W Datasheet HTML 1Page - STMicroelectronics STA515W Datasheet HTML 2Page - STMicroelectronics STA515W Datasheet HTML 3Page - STMicroelectronics STA515W Datasheet HTML 4Page - STMicroelectronics STA515W Datasheet HTML 5Page - STMicroelectronics STA515W Datasheet HTML 6Page - STMicroelectronics STA515W Datasheet HTML 7Page - STMicroelectronics STA515W Datasheet HTML 8Page - STMicroelectronics STA515W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
April 2010
Doc ID 11079 Rev 2
1/14
14
STA515W
40-volt, 3-amp, quad power half bridge
Features
Multipower BCD technology
Low input/output pulse width distortion
200 m
Ω RdsON complementary DMOS output
stage
CMOS-compatible logic inputs
Thermal protection
Thermal warning output
Undervoltage protection
Short-circuit protection
Description
The STA515W is a monolithic quad half-bridge
stage in Multipower BCD Technology. The device
can be used as a dual bridge or reconfigured, by
connecting pin CONFIG to pins VDD, as a single
bridge with double-current capability.
The device is designed, particularly, to be the
output stage of a stereo all-digital high-efficiency
amplifier. It is capable of delivering 10 W x
4 channels into 4-
Ω loads with 10% THD at
VCC = 18 V in single-ended configuration.
It can also deliver 20 W + 20 W into 8-
Ω loads
with 10% THD at VCC = 18 V in BTL configuration
or, in single parallel BTL configuration, 40 W into
a 8-
Ω load with 10% THD at VCC = 26 V.
The input pins have a threshold proportional to
the voltage on pin VL.
The STA515W comes in a 36-pin PowerSSO
package with exposed pad down (EPD).
PowerSSO36 package
with exposed pad down
Table 1.
Device summary
Order code
Ambient temp. range
Package
Packaging
STA515W
0 to 70 °C
PowerSSO36 EPD
Tube
STA515W13TR
0 to 70 °C
PowerSSO36 EPD
Tape and reel
www.st.com


Número de pieza similar - STA515W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 16P
40 V, 3 A, quad power half bridge
24-Feb-2014
STA515W13TR STMICROELECTRONICS-STA515W13TR Datasheet
287Kb / 16P
40 V, 3 A, quad power half bridge
24-Feb-2014
STA515W STMICROELECTRONICS-STA515W_V01 Datasheet
287Kb / 16P
40 V, 3 A, quad power half bridge
24-Feb-2014
More results

Descripción similar - STA515W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
40V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
REV. 2
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
Feb-2006
STA510A STMICROELECTRONICS-STA510A Datasheet
367Kb / 17P
44-volt, 5.5-amp, quad power half bridge
11-Mar-2010
STA516B STMICROELECTRONICS-STA516B_10 Datasheet
212Kb / 17P
65-volt, 7.5-amp, quad power half bridge
16-Nov-2010
STA533WF STMICROELECTRONICS-STA533WF_11 Datasheet
258Kb / 15P
18-volt, 3-amp, quad power half-bridge
22-Jun-2011
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
45V 3.5A QUAD POWER HALF BRIDGE
REV. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com