Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L5962 Datasheet(PDF) 17 Page - STMicroelectronics

No. de pieza L5962
Descripción Electrónicos  Multiple linear/switching voltage regulator for car-radio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5962 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L5962 Datasheet HTML 13Page - STMicroelectronics L5962 Datasheet HTML 14Page - STMicroelectronics L5962 Datasheet HTML 15Page - STMicroelectronics L5962 Datasheet HTML 16Page - STMicroelectronics L5962 Datasheet HTML 17Page - STMicroelectronics L5962 Datasheet HTML 18Page - STMicroelectronics L5962 Datasheet HTML 19Page - STMicroelectronics L5962 Datasheet HTML 20Page - STMicroelectronics L5962 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
L5962
Device description
Doc ID 16819 Rev 2
17/24
4.2
High side drivers
The device embeds fully-protected high-side drivers for use outside of the car-radio module.
HSD1, HSD2
These high side driver outputs have short circuit protections consisting of current limit and
independent thermal shutdown. If the local die temperature exceeds the thermal shutdown
detection threshold, the output is disabled. The thermal shutdown circuitry has hysteresis
such that the output is enabled only after the die temperature falls below the thermal
shutdown disable threshold. Thermal shutdown on any one output doesn't directly disable
any other circuitry.
HSD1 and HSD2 are protected from shorts to ground and shorts to battery (0-18 V) during a
loss of car-radio module battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24