Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6360 Datasheet(PDF) 60 Page - STMicroelectronics

No. de pieza L6360
Descripción Electrónicos  IO-Link communication master transceiver IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6360 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L6360 Datasheet HTML 56Page - STMicroelectronics L6360 Datasheet HTML 57Page - STMicroelectronics L6360 Datasheet HTML 58Page - STMicroelectronics L6360 Datasheet HTML 59Page - STMicroelectronics L6360 Datasheet HTML 60Page - STMicroelectronics L6360 Datasheet HTML 61Page - STMicroelectronics L6360 Datasheet HTML 62Page - STMicroelectronics L6360 Datasheet HTML 63Page - STMicroelectronics L6360 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
EMC protection considerations
L6360
60/65
Doc ID 022817 Rev 2
Figure 46.
VH protection vs. VCC
Table 34.
VH protection component description
Part
Function
Description
D_VH
VH overvoltage protection
VH voltage must be always lower than (or equal to) VCC. Even
during the powering-up and down of an application. This fact
must be taken into consideration if VH is supplied from another
source (VCC and VH not connected together), charged
capacitors, etc. In some cases a diode placed between VCC
and VH may help to avoid this violation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65