Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD4146K Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TPD4146K
Descripción Electrónicos  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4146K Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPD4146K Datasheet HTML 1Page - Toshiba Semiconductor TPD4146K Datasheet HTML 2Page - Toshiba Semiconductor TPD4146K Datasheet HTML 3Page - Toshiba Semiconductor TPD4146K Datasheet HTML 4Page - Toshiba Semiconductor TPD4146K Datasheet HTML 5Page - Toshiba Semiconductor TPD4146K Datasheet HTML 6Page - Toshiba Semiconductor TPD4146K Datasheet HTML 7Page - Toshiba Semiconductor TPD4146K Datasheet HTML 8Page - Toshiba Semiconductor TPD4146K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPD4146K
2012-02-09
3
Block Diagram
Under-
voltage
protect-
ion
Under-
voltage
protect-
ion
Under-
voltage
protect-
ion
Low-side
driver
PWM
3-phase
distribution
logic
Thermal
shutdown
Over-current
protection
Level shift
high-side
driver
Triangular
wave
6 V
regulator
VCC
VREG
HU+
HV+
HW+
VS
RREF
OS
IS2
IS1
GND
VBB
U
V
W
11
10
3
4
5
6
14
13
12
17
24
23
18
21
25
26
20
1/16
BSU
7
BSV
BSW
Hall
Amp
22
HU-
HV-
HW-
FGC 8
FG 9
RS
15
Under-voltage
protection
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com