| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PLED508 Datasheet(PDF) 1 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
PLED508 Datasheet(HTML) 1 Page - Protek Devices |
|
1 / 2 page ![]() Only One Name Means ProTek’Tion™ www.protekdevices.com 05382.R2 9/12 Page 1 PLED508 biDiREctionaL tvs DiE ELEctRicaL chaRactERistics @ 25°c PaRt nUMbER MiniMUM bREaKDoWn voLtaGE @ 1ma v (bR) voLts stanD-off voLtaGE v WM voLts MaxiMUM LEaKaGE cURREnt @3.5v i D µa tYPicaL caPacitancE @0v, 1Mhz c pf thicKnEss mils bacKMEtaL toPMEtaL PLED508 5.70 4.7 1.00 15 6 Ti/Ni/Ag Al/Cu PIN CONFIGURATION MASK OUTLINE 177 [7.0] sq (TYP) R7.62 [R0.30] 63.5 [2.5] sq 43.18 [1.70] 2x 40.64 [1.60] 5.08 [0.20] 2x 17.75 [0.70] 2x 30.48 [1.20] 2x 38.10 [1.50] 2x 38.10 [1.50] 2x 20.32 [0.80] 2x 2.54 [0.10] 2x BONDING PAD |
Número de pieza similar - PLED508 |
|
Descripción similar - PLED508 |