| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ISO7240CF Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO7240CF Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 31 page ![]() ISO7240CF, ISO7240C, ISO7240M ISO7241C, ISO7241M ISO7242C, ISO7242M SLLS868N – SEPTEMBER 2007 – REVISED JANUARY 2012 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Table 1. Device Function Table ISO724x (1) INPUT OUTPUT ENABLE OUTPUT INPUT VCC OUTPUT VCC (IN) (EN) (OUT) H H or Open H L H or Open L PU PU X L Z Open H or Open H PD PU X H or Open H PD PU X L Z (1) PU = Powered Up; PD = Powered Down ; X = Irrelevant; H = High Level; L = Low Level Table 2. ISO7240CF Function Table VCC1 VCC2 DATA INPUT DISABLE INPUT FAILSAFE CONTROL INPUT DATA OUTPUT (IN) (DISABLE) (CTRL) (OUT) PU PU H L or Open X H PU PU L L or Open X L X PU X H H or Open H X PU X H L L PD PU X X H or Open H PD PU X X L L AVAILABLE OPTIONS SIGNALING INPUT CHANNEL MARKED ORDERING PRODUCT RATE THRESHOLD CONFIGURATION AS NUMBER(1) ISO7240CDW (rail) ~1.5 V (TTL) ISO7240C 25 Mbps ISO7240C (CMOS compatible) ISO7240CDWR (reel) ISO7240CFDW (rail) ~1.5 V (TTL) ISO7240CF 25 Mbps 4/0 ISO7240CF (CMOS compatible) ISO7240CFDWR (reel) ISO7240MDW (rail) ISO7240M 150 Mbps Vcc/2 (CMOS) ISO7240M ISO7240MDWR (reel) ISO7241CDW (rail) ~1.5 V (TTL) ISO7241C 25 Mbps ISO7241C (CMOS compatible) ISO7241CDWR (reel) 3/1 ISO7241MDW (rail) ISO7241M 150 Mbps Vcc/2 (CMOS) ISO7241M ISO7241MDWR (reel) ISO7242CDW (rail) ~1.5 V (TTL) ISO7242C 25 Mbps ISO7242C (CMOS compatible) ISO7242CDWR (reel) 2/2 ISO7242MDW (rail) ISO7242M 150 Mbps Vcc/2 (CMOS) ISO7242M ISO7242MDWR (reel) (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. 2 Copyright © 2007–2012, Texas Instruments Incorporated |