| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LPC1786 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1786 Datasheet(HTML) 5 Page - NXP Semiconductors |
|
5 / 120 page ![]() LPC178X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary data sheet Rev. 4 — 1 May 2012 5 of 120 NXP Semiconductors LPC178x/7x 32-bit ARM Cortex-M3 microcontroller 4. Ordering information Table 1. Ordering information Type number Package Name Description Version LPC1788 LPC1788FBD208 LQFP208 plastic low profile quad flat package; 208 leads; body 28 28 1.4 mm SOT459-1 LPC1788FET208 TFBGA208 plastic thin fine-pitch ball grid array package; 208 balls; body 15 15 0.7 mm SOT950-1 LPC1788FET180 TFBGA180 thin fine-pitch ball grid array package; 180 balls; body 12 12 0.8 mm SOT570-2 LPC1788FBD144 LQFP144 plastic low profile quad flat package; 144 leads; body 20 20 1.4 mm SOT486-1 LPC1787 LPC1787FBD208 LQFP208 plastic low profile quad flat package; 208 leads; body 28 28 1.4 mm SOT459-1 LPC1786 LPC1786FBD208 LQFP208 plastic low profile quad flat package; 208 leads; body 28 28 1.4 mm SOT459-1 LPC1785 LPC1785FBD208 LQFP208 plastic low profile quad flat package; 208 leads; body 28 28 1.4 mm SOT459-1 LPC1778 LPC1778FBD208 LQFP208 plastic low profile quad flat package; 208 leads; body 28 28 1.4 mm SOT459-1 LPC1778FET208 TFBGA208 plastic thin fine-pitch ball grid array package; 208 balls; body 15 15 0.7 mm SOT950-1 LPC1778FET180 TFBGA180 thin fine-pitch ball grid array package; 180 balls; body 12 12 0.8 mm SOT570-2 LPC1778FBD144 LQFP144 plastic low profile quad flat package; 144 leads; body 20 20 1.4 mm SOT486-1 LPC1777 LPC1777FBD208 LQFP208 plastic low profile quad flat package; 208 leads; body 28 28 1.4 mm SOT459-1 LPC1776 LPC1776FBD208 LQFP208 plastic low profile quad flat package; 208 leads; body 28 28 1.4 mm SOT459-1 LPC1776FET180 TFBGA180 thin fine-pitch ball grid array package; 180 balls; body 12 12 0.8 mm SOT570-2 LPC1774 LPC1774FBD208 LQFP208 plastic low profile quad flat package; 208 leads; body 28 28 1.4 mm SOT459-1 LPC1774FBD144 LQFP144 plastic low profile quad flat package; 144 leads; body 20 20 1.4 mm SOT486-1 |